Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS6955CA Datasheet(PDF) 27 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 23Page - STMicroelectronics VS6955CA Datasheet HTML 24Page - STMicroelectronics VS6955CA Datasheet HTML 25Page - STMicroelectronics VS6955CA Datasheet HTML 26Page - STMicroelectronics VS6955CA Datasheet HTML 27Page - STMicroelectronics VS6955CA Datasheet HTML 28Page - STMicroelectronics VS6955CA Datasheet HTML 29Page - STMicroelectronics VS6955CA Datasheet HTML 30Page - STMicroelectronics VS6955CA Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
DocID028071 Rev 2
27/90
VS6955CA
Camera control interface (CCI)
48
4.2.4
Data format description registers [0x00C0 to 0x00C9]
Table 12. Data format description registers [0x00C0 to 0x00C9]
Index
Byte
Register name
Data
type
Default
Type
Comment
00C0
data_format_model_type
8UI
01
RO
2-byte generic data format model
type
00C1
data_format_model_
subtype
8UI
04
RO
Number of data format descriptors.
00C2
Hi
data_format_descriptor_0
16UI
08
RO
RAW8 mode - transmit top 8 bits of
pixel data.
00C3
Lo
08
00C4
Hi
data_format_descriptor_1
16UI
0A
RO
RAW10 mode - transmit top 10 bits
of pixel data.
00C5
Lo
0A
00C6
Hi
data_format_descriptor_2
16UI
0A
RO
10-8 compressed mode - transmit
top 10 bits of pixel data, compressed
to 8 bits.
00C7
Lo
08
00C8
Hi
data_format_descriptor_3
16UI
0A
RO
10-6 compressed mode - transmit
top 10 bits of pixel data, compressed
to 6 bits.
00C9
Lo
06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com