Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE7010M Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE7010M
Description  N-Channel 100-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7010M Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE7010M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7010M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7010M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7010M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7010M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7010M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7010M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE7010M
N-Channel 100-V (D-S) MOSFET
VER 1.1
3
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, VGS = 0 V
1
uA
VDS = 80 V, VGS = 0 V, TJ = 55°C
25
On-State Drain Current
a
ID(on)
VDS = 5 V, VGS = 10 V
140
A
Drain-Source On-Resistance
a
rDS(on)
VGS = 10 V, ID = 20 A
44
mΩ
VGS = 4.5 V, ID = 20 A
64
Forward Transconductance
a
gfs
VDS = 15 V, ID = 20 A
20
S
Diode Forward Voltage
a
VSD
IS = 35A, VGS = 0 V
1
V
Dynamic
b
Total Gate Charge
Qg
VDS = 50 V, VGS = 5.5 V, ID = 20 A
22
nC
Gate-Source Charge
Qgs
7.3
Gate-Drain Charge
Qgd
14
Turn-On Delay Time
td(on)
VDD = 50 V, RL = 2.5 Ω , ID = 20 A, VGEN = 10 V,
RGEN = 6 Ω
9
ns
Rise Time
tr
13
Turn-Off Delay Time
td(off)
44
Fall Time
tf
16
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f =1 MHz
1318
pF
Output Capacitance
Coss
147
ReverseTransfer Capacitance
Crss
143
Note:
a. Pulse test: PW <= 300us duty cycle <= 2%.
b. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com