Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC6571IDBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6571IDBVT
Description  INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC6571IDBVT Datasheet(HTML) 5 Page - Texas Instruments

  DAC6571IDBVT Datasheet HTML 1Page - Texas Instruments DAC6571IDBVT Datasheet HTML 2Page - Texas Instruments DAC6571IDBVT Datasheet HTML 3Page - Texas Instruments DAC6571IDBVT Datasheet HTML 4Page - Texas Instruments DAC6571IDBVT Datasheet HTML 5Page - Texas Instruments DAC6571IDBVT Datasheet HTML 6Page - Texas Instruments DAC6571IDBVT Datasheet HTML 7Page - Texas Instruments DAC6571IDBVT Datasheet HTML 8Page - Texas Instruments DAC6571IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: V
DD = +5 V
−2
−1
0
1
2
−0.5
−0.25
0
0.25
0.5
0
128
256
384
512
640
768
896
1024
Digital Input Code
VDD = 5 V at 25°C
Digital Input Code
−2
−1
0
1
2
−0.5
−0.25
0
0.25
0.5
0
128
256
384
512
640
768
896
1024
VDD = 5 V at −40°C
−16
−8
0
8
16
0
128
256
384
512
640
768
896
1024
VDD = 5 V, TA = 25°C
Digital Input Code
−2
−1
0
1
2
−0.5
−0.25
0
0.25
0.5
0
128
256
384
512
640
768
896
1024
Digital Input Code
VDD = 5 V at 105°C
DAC6571
SLAS406B – DECEMBER 2003 – REVISED AUGUST 2005
TIMING CHARACTERISTICS (continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
tSU; tSTO
Setup Time for STOP Condition
Standard mode
4.0
µs
Fast mode
600
ns
High-speed mode
160
ns
CB
Capacitive Load for SDA and SCL
400
pF
tSP
Pulse Width of Spike Suppressed
Fast mode
50
ns
High-speed mode
10
ns
VNH
Noise Margin at the HIGH Level for
Standard mode
0.2 VDD
V
Each Connected Device
Fast mode
(Including Hysteresis)
High-speed mode
VNL
Noise Margin at the LOW Level for
Standard mode
0.1 VDD
V
Each Connected Device
Fast mode
(Including Hysteresis)
High-speed mode
At T
A = +25°C, +VDD = +5 V, unless otherwise noted.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs
vs
CODE (–40
°C)
CODE (+25
°C )
Figure 1.
Figure 2.
LINEARITY ERROR AND
TYPICAL TOTAL UNADJUSTED ERROR
DIFFERENTIAL LINEARITY ERROR
vs
CODE (+105
°C)
Figure 3.
Figure 4.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com