Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC2G241DCTRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVC2G241DCTRG4
Description  Dual Buffer and Driver With 3-State Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC2G241DCTRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74LVC2G241DCTRG4 Datasheet HTML 2Page - Texas Instruments 74LVC2G241DCTRG4 Datasheet HTML 3Page - Texas Instruments 74LVC2G241DCTRG4 Datasheet HTML 4Page - Texas Instruments 74LVC2G241DCTRG4 Datasheet HTML 5Page - Texas Instruments 74LVC2G241DCTRG4 Datasheet HTML 6Page - Texas Instruments 74LVC2G241DCTRG4 Datasheet HTML 7Page - Texas Instruments 74LVC2G241DCTRG4 Datasheet HTML 8Page - Texas Instruments 74LVC2G241DCTRG4 Datasheet HTML 9Page - Texas Instruments 74LVC2G241DCTRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SN74LVC2G241
SCES210O – APRIL 1999 – REVISED DECEMBER 2015
www.ti.com
6.6 Switching Characteristics, TA = –40°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
FROM
TO
PARAMETER
VCC
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
VCC = 1.8 V ± 0.15 V
3.3
8.8
VCC = 2.5 V ± 0.2 V
1.5
4.8
tpd
A
Y
ns
VCC = 3.3 V ± 0.3 V
1.4
4.3
VCC = 5 V ± 0.5 V
1
3.7
VCC = 1.8 V ± 0.15 V
4
9.9
VCC = 2.5 V ± 0.2 V
1.9
5.6
ten
OE
Y
ns
VCC = 3.3 V ± 0.3 V
1.2
4.7
VCC = 5 V ± 0.5 V
1.2
3.8
VCC = 1.8 V ± 0.15 V
1.5
11.6
VCC = 2.5 V ± 0.2 V
1
5.8
tdis
OE
Y
ns
VCC = 3.3 V ± 0.3 V
1.4
1.4
VCC = 5 V ± 0.5 V
1
3.4
VCC = 1.8 V ± 0.15 V
3.2
8.8
VCC = 2.5 V ± 0.2 V
1.5
4.7
ten
OE
Y
ns
VCC = 3.3 V ± 0.3 V
1.6
4.1
VCC = 5 V ± 0.5 V
1.1
3.3
VCC = 1.8 V ± 0.15 V
1.7
12.5
VCC = 2.5 V ± 0.2 V
1
5.2
tdis
OE
Y
ns
VCC = 3.3 V ± 0.3 V
1
4.2
VCC = 5 V ± 0.5 V
1
3.3
6.7 Switching Characteristics, TA = –40°C to 125°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
FROM
TO
PARAMETER
VCC
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
VCC = 1.8 V ± 0.15 V
3.3
9.8
VCC = 2.5 V ± 0.2 V
1.5
5.8
tpd
A
Y
ns
VCC = 3.3 V ± 0.3 V
1.4
5.3
VCC = 5 V ± 0.5 V
1
4.2
VCC = 1.8 V ± 0.15 V
4
10.9
VCC = 2.5 V ± 0.2 V
1.9
6.6
ten
OE
Y
ns
VCC = 3.3 V ± 0.3 V
1.2
5.7
VCC = 5 V ± 0.5 V
1.2
4.3
VCC = 1.8 V ± 0.15 V
1.5
12.6
VCC = 2.5 V ± 0.2 V
1
6.8
tdis
OE
Y
ns
VCC = 3.3 V ± 0.3 V
1.4
5.4
VCC = 5 V ± 0.5 V
1
4.4
VCC = 1.8 V ± 0.15 V
3.2
9.8
VCC = 2.5 V ± 0.2 V
1.5
5.7
ten
OE
Y
ns
VCC = 3.3 V ± 0.3 V
1.6
5.1
VCC = 5 V ± 0.5 V
1.1
3.8
VCC = 1.8 V ± 0.15 V
1.7
13.5
VCC = 2.5 V ± 0.2 V
1
6.2
tdis
OE
Y
ns
VCC = 3.3 V ± 0.3 V
1
5.2
VCC = 5 V ± 0.5 V
1
4.3
6
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com