Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G07DBVRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVRG4
Description  Dual Buffer and Driver With Open-Drain Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G07DBVRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC2G07DBVRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G07DBVRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G07DBVRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G07DBVRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G07DBVRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G07DBVRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC2G07DBVRG4 Datasheet HTML 10Page - Texas Instruments SN74LVC2G07DBVRG4 Datasheet HTML 11Page - Texas Instruments SN74LVC2G07DBVRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1A
1Y
1
6
2A
2Y
3
4
SN74LVC2G07
SCES308L – AUGUST 2001 – REVISED MAY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The SN74LVC2G07 device contains two open drain buffer with a maximum sink current of 32 mA. This device is
fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing
damaging current backflow through the device when it is powered down.
8.2 Functional Block Diagram
8.3 Feature Description
The open-drain configuration means that the device cannot provide its own output drive current; instead, it relies
on pullup resistors to provide the "high" bus state. It can only drive the bus low. In the "Hi-Z" state, the
SN74LVC2G07 acts as an open circuit and allows the external pullup to pull the bus high. Therefore, the pullup
voltage determines the output level and therefore the SN74LVC2g07 can be used for up or down-translation. The
device can sink 24 mA at 3 V while retaining an output voltage (VOL) of 0.55 V or lower.
8.4 Device Functional Modes
Table 1 shows the device functional modes of the SN74LVC2G07 device.
Table 1. Function Table
INPUT
OUTPUT
A
Y
L
L
H
H
8
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com