Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G06DBVRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC2G06DBVRG4
Description  Dual Inverter Buffer and Driver With Open-Drain Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G06DBVRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2G06DBVRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC2G06DBVRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC2G06DBVRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC2G06DBVRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G06DBVRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G06DBVRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G06DBVRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G06DBVRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G06DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
SN74LVC2G06
SCES307J – AUGUST 2001 – REVISED JULY 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................... 9
1
Features .................................................................. 1
8.2
Functional Block Diagram ......................................... 9
2
Applications ........................................................... 1
8.3
Feature Description................................................... 9
3
Description ............................................................. 1
8.4
Device Functional Modes.......................................... 9
4
Revision History..................................................... 2
9
Application and Implementation ........................ 10
5
Pin Configuration and Functions ......................... 3
9.1
Application Information............................................ 10
6
Specifications......................................................... 4
9.2
Typical Application ................................................. 10
6.1
Absolute Maximum Ratings ..................................... 4
10
Power Supply Recommendations ..................... 11
6.2
ESD Ratings ............................................................ 4
11
Layout................................................................... 11
6.3
Recommended Operating Conditions ...................... 5
11.1
Layout Guidelines ................................................. 11
6.4
Thermal Information .................................................. 5
11.2
Layout Example .................................................... 11
6.5
Electrical Characteristics........................................... 6
12
Device and Documentation Support ................. 12
6.6
Switching Characteristics for –40°C to 85°C ............ 6
12.1
Community Resources.......................................... 12
6.7
Switching Characteristics for –40°C to 125°C .......... 6
12.2
Trademarks ........................................................... 12
6.8
Operating Characteristics.......................................... 6
12.3
Electrostatic Discharge Caution ............................ 12
6.9
Typical Characteristics .............................................. 7
12.4
Glossary ................................................................ 12
7
Parameter Measurement Information .................. 8
13
Mechanical, Packaging, and Orderable
8
Detailed Description .............................................. 9
Information ........................................................... 12
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (December 2013) to Revision J
Page
•
Added Device Information table, Pin Configuration and Functions section, ESD Ratings table, Typical
Characteristics section, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
Changes from Revision H (August 2012) to Revision I
Page
•
Updated document to new TI data sheet format. ................................................................................................................... 1
•
Removed Ordering Information table. .................................................................................................................................... 1
•
Added ESD warning .............................................................................................................................................................. 1
•
Updated operating temperature range. .................................................................................................................................. 5
Changes from Revision G (January 2007) to Revision H
Page
•
Updated package views and ordering information. Added DRY & DSF packages ................................................................ 1
2
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com