Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC1GU04DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1GU04DBVT
Description  Single Inverter Gate
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1GU04DBVT Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1GU04DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
SN74LVC1GU04
SCES215W – APRIL 1999 – REVISED JANUARY 2016
www.ti.com
Table of Contents
8.2
Functional Block Diagram ......................................... 8
1
Features .................................................................. 1
8.3
Feature Description................................................... 8
2
Applications ........................................................... 1
8.4
Device Functional Modes.......................................... 8
3
Description ............................................................. 1
9
Application and Implementation .......................... 9
4
Revision History..................................................... 2
9.1
Application Information.............................................. 9
5
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................... 9
6
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 10
6.1
Absolute Maximum Ratings ..................................... 4
11
Layout................................................................... 10
6.2
ESD Ratings.............................................................. 4
11.1
Layout Guidelines ................................................. 10
6.3
Recommended Operating Conditions ...................... 5
11.2
Layout Example .................................................... 10
6.4
Thermal Information .................................................. 5
12
Device and Documentation Support ................. 11
6.5
Electrical Characteristics........................................... 5
12.1
Documentation Support ........................................ 11
6.6
Switching Characteristics, TA = –40°C to 85°C ........ 6
12.2
Community Resources.......................................... 11
6.7
Switching Characteristics, TA = –40°C to 125°C ...... 6
12.3
Trademarks ........................................................... 11
6.8
Operating Characteristics.......................................... 6
12.4
Electrostatic Discharge Caution ............................ 11
6.9
Typical Characteristic................................................ 6
12.5
Glossary ................................................................ 11
7
Parameter Measurement Information .................. 7
13
Mechanical, Packaging, and Orderable
8
Detailed Description .............................................. 8
Information ........................................................... 11
8.1
Overview ................................................................... 8
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision V (November 2013) to Revision W
Page
•
Added Applications section, Device Information table, ESD Ratings table, Thermal Information table, Typical
Characteristics, Feature Description section, Device Functional Modes, Application and Implementation section,
Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Changes from Revision U (June 2011) to Revision V
Page
•
Updated document to new TI data sheet format. ................................................................................................................... 1
•
Updated operating temperature range. .................................................................................................................................. 5
2
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: SN74LVC1GU04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com