Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JH43540960ACNFMNFFCWN Datasheet(PDF) 13 Page - Jewel Hill Electronic

Part # JH43540960ACNFMNFFCWN
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH43540960ACNFMNFFCWN Datasheet(HTML) 13 Page - Jewel Hill Electronic

Back Button JH43540960ACNFMNFFCWN Datasheet HTML 9Page - Jewel Hill Electronic JH43540960ACNFMNFFCWN Datasheet HTML 10Page - Jewel Hill Electronic JH43540960ACNFMNFFCWN Datasheet HTML 11Page - Jewel Hill Electronic JH43540960ACNFMNFFCWN Datasheet HTML 12Page - Jewel Hill Electronic JH43540960ACNFMNFFCWN Datasheet HTML 13Page - Jewel Hill Electronic JH43540960ACNFMNFFCWN Datasheet HTML 14Page - Jewel Hill Electronic JH43540960ACNFMNFFCWN Datasheet HTML 15Page - Jewel Hill Electronic JH43540960ACNFMNFFCWN Datasheet HTML 16Page - Jewel Hill Electronic JH43540960ACNFMNFFCWN Datasheet HTML 17Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
JH43540960A
VER: 1.0
- 12 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
9. 3 Reset Operation
(VCC=1.65~3.1 V)
10.Reliability and Inspection Standard
No.
Test Item
Test Conditions
Remark
Storage
80℃, 120Hr
Note
1
High Temperature
Operation
70℃, 120Hr
Note
Storage
-30℃, 120Hr
2
Low Temperature
Operation
-20℃, 120Hr
Note
3
High Temperature and High
Humidity
60℃, 90%RH, 120Hr
Note
Storage
-10℃(1Hr) 25℃(5min) 60℃(1Hr)
32 Cycles
4
Temperature Cycle
Operation
-20℃(1Hr) 25℃(5min) 60℃(1Hr)
25 Cycles
Note
5
Peeling Off (Storage)
≧
500gf/cm
Note
6
FPC Bending Test
≧
6,000 times, 2/sec
Note
7
Vibration Test(Storage)
50HZ, 30min,
Amplitude: 2 cm, X/Y/Z directions
Note
8
Drop Test
60cm/ 3Corner/ 8Face, 1Cycle
Note
Note:
1) The test samples should be applied to only one test item.
2) Sample size for each test item is 5~10pcs.
3) For Damp Proof Test, pure water(Resistance>1MΩ) should be used.
4) In case of malfunction defect caused by ESD damage, if it would be recovered to
normal state after resetting, it would be judged as a good part.
5) EL evaluation should be excepted from reliability test with humidity and temperature:
Some defects such as black spot/blemish can happen by natural chemical reaction
with humidity and fluorescence EL has.
6) After the reliability test, the test samples should be inspected after 2 hours at least.
7) Functional test is OK. Missing segment, shorts, unclear segment, non display,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com