Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NA551-R2GI-RC-US Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # NA551-R2GI-RC-US
Description  Supports diversified LAN modules expansion
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA551-R2GI-RC-US Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  NA551-R2GI-RC-US Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13
www.axiomtek.com/NA
Rear view
Front view
Features
NA551
2U Rackmount Network Appliance Platform
with LGA1155 Intel® Xeon® E3 Processor,
Intel® C216, Two 3.5" Hot-swappable HDD
and up to 26 LANs
LGA1155 socket 3rd/2nd generation Intel® Xeon® E3 family
processors
Four DIMM sockets support up to 32 GB non-buffer non-ECC/
ECC memory (DDR3-1333, dual channel)
Supports diversified LAN modules expansion
Supports redundant power
Supports BIOS redirected to COM port
Supports two front-accessible 3.5" SATA HDD
Suitable for VPN, network bandwidth controller, firewall
applications
Ordering Information
Packing List
Specifications
System
CPU
LGA1155 socket for 3rd/2nd Generation Intel® Xeon® E3
family processors
Chipset
Intel® C216
Memory
4 x DDR3-1333 DIMM sockets max. up to 32 GB non-buffer
non-ECC/ECC memory (dual channel)
BIOS
AMI 64 Mbits PnP Flash BIOS with function of BIOS
redirected to COM port
Storage
2 x 3.5" SATA HDD / 1 x CFast™
Network Interface
14 x 10/100/1000Mbps Ethernet ports (default)
3 x LAN modules (for optional) up to 26 LAN ports
I/O Interface
1 x console (RJ-type), 2 x USB connectors,
14 x RJ-45 connectors, 1 x VGA connector, 1 x PS/2
keyboard/mouse connector
Watchdog Timer
Up to 8 stepping for porting
USB
2 x USB 2.0 ports on front side, rest are internal pin headers
Expansion slot
1 x Mini PCI slot (32-bit/33 MHz)
Other Features
LAN bypass function through software program
Power Supply
300W redundant power supply
OS Compatibility
Linux Redhat Kernel 2.6
Mechanical/ Environmental
Form Factor
2U rackmount
LED
Power, HDD, Link/Act with transfer rate, LAN bypass,
GPIO programmable (optional)
Operating Temp.
0°C ~ 40°C (32°F ~ 104°F)
Storage Temp.
-20°C ~ +70°C (-4°F ~ +158°F)
Humidity
10% ~ 95% RH, non-condensing
Chassis Material
Steel
Dimensions
88 mm (3.46") (H) x 427.8mm (16.92”) (W) x 500 mm (19.68") (D)
Weight (net/gross)
14.52 kg (32.01 lb)/21.61 kg (47.64 lb)
Certification
FCC class A/CE class A
Standard
NA551-REGI-RC-US
(P/N: E26E551100)
2U network appliance with LGA1155 3rd/2nd generation
Intel® Core™ processors, PSU 1+0 and 14 GbE LANs
(AXP3306-4GIL & AXT3306-8GIL)
NA551-R2GI-RC-US
(P/N: E26E551101)
2U network appliance with LGA1155 3rd/2nd generation
Intel® Core™ processors, PSU 1+0 and 2 GbE LANs
NA551-R2GI-RC-US
(P/N: E26E551102)
2U network appliance with LGA1155 3rd/2nd generation
Intel® Core™ processors, PSU 1+1 and 2 GbE LANs
Optional
59416112100E
Cable DB9 (M) - RJ-45, L: 1.5M straight cable
AX93306-4GI
4-port Gigabit copper module
AX93306-4GIL
4-port Gigabit copper module with LAN bypass
AX93306-4FI
4-port Gigabit SFP fiber module
AX93306-8GI
8-port Gigabit copper module
AX93306-8GIL
8-port Gigabit copper module with LAN bypass
AX93306-8MI
4-port Gigabit copper & 4-port Gigabit SFP fiber module
AX93306-8MIL
4-port Gigabit copper & 4-port Gigabit SFP fiber module
with LAN bypass
AX93312-8FI
8-port Gigabit SFP fiber module
* Specifications and certifications are based on options and may vary.
** Recommend ordering optional cable kit with first order.
1 x SATA Cable
1 x utility CD (user's manual and driver)
1 x power cord (PSU 1+0), 2 x power cord (PSU 1+1)
2 x HDD tray (w/ key)
LAN Bypass
NIC Module
DDR3
DDR3
DDR3
CFastTM
Redundant Power
0+1
0+1
1+1
1+1
Swappable
HDD
HDD
Dimensions


Similar Part No. - NA551-R2GI-RC-US

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA550 AXIOMTEK-NA550 Datasheet
244Kb / 1P
Supports BIOS redirected to COM port
NA550-R2GI-RC-US AXIOMTEK-NA550-R2GI-RC-US Datasheet
244Kb / 1P
Supports BIOS redirected to COM port
NA550-REGI-RC-US AXIOMTEK-NA550-REGI-RC-US Datasheet
244Kb / 1P
Supports BIOS redirected to COM port
NA552 AXIOMTEK-NA552 Datasheet
271Kb / 1P
Supports BIOS redirected to COM port
NA552-R2GI-FS-US AXIOMTEK-NA552-R2GI-FS-US Datasheet
271Kb / 1P
Supports BIOS redirected to COM port
More results

Similar Description - NA551-R2GI-RC-US

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IPC912-211-FL AXIOMTEK-IPC912-211-FL Datasheet
541Kb / 2P
Supports 2 expansion slots
IPC912-213-FL AXIOMTEK-IPC912-213-FL Datasheet
485Kb / 2P
Supports 2 expansion slots
IPC914-211-FL AXIOMTEK-IPC914-211-FL Datasheet
467Kb / 2P
Supports 4 expansion slots
IPC924-212-FL AXIOMTEK-IPC924-212-FL Datasheet
578Kb / 2P
Supports 4 expansion slots
NA-550 AXIOMTEK-NA-550 Datasheet
321Kb / 2P
Supports LAN modules expansion
IPC934-230-FL AXIOMTEK-IPC934-230-FL Datasheet
320Kb / 2P
Supports 4-slot expansion slots
NA850 AXIOMTEK-NA850 Datasheet
430Kb / 2P
Supports diversification LAN modules expansion , 5 expandable LAN module slots support max. up to 42 LAN ports
AX93306 AXIOMTEK-AX93306 Datasheet
268Kb / 1P
LAN Modules
logo
Moxa Inc.
DA-720-ETHERNET MOXA-DA-720-ETHERNET Datasheet
870Kb / 3P
Expansion modules with PRP/HSR ports and Giga LAN
DA-820-ETHERNET MOXA-DA-820-ETHERNET Datasheet
815Kb / 4P
Expansion modules with 2-port Giga SFP LAN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com