Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NA850-R2GI-RC-US Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # NA850-R2GI-RC-US
Description  Supports BIOS redirected to COM port
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA850-R2GI-RC-US Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  NA850-R2GI-RC-US Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
12
www.axiomtek.com/NA
Dimensions
Features
● LGA2011 Socket-R3 Intel® Xeon® E5-2600 v3 family
processors
● Sixteen DIMM sockets support DDR4 RDIMM max.
up to 512 GB (DDR4-2133/1866/1600/1333)
● Supports diversified LAN modules expansion
5 expandable LAN module slots (dual CPUs only) support max.
up to 42 LAN ports
● Supports 2U redundant power supply
● Supports BIOS redirected to COM port
● High computing power for Firewall, VPN, Anti-Spam,
Anti-Virus, Intrusion Detection Systems (IDS), Intrusion
Prevention Systems (IPS), and Unified Threat Management
(UTM)
Ordering Information
Packing List
Specifications
System
CPU
Dual LGA2011 Intel® Xeon® E5-2600 v3 family processors
Chipset
Intel® C612
Memory
16 x DDR4-2133/1866/1600/1333 RDIMM sockets max. up
to 512 GB
BIOS
AMI 64Mbits PnP Flash with function of BIOS redirected to
COM port
Storage
2 x 3.5" SATA HDD hot swappable/1 x Compact Flash™/
1 x CFast™ (optional)
Network Interface
2 x 10/100/1000 Mbps (Intel® i211) Expandable up to 42
LAN ports via 5 expendable LAN modules (dual CPUs only)
Single CPU only supports 3 LAN modules from Slot 1~3
I/O Interface
1 x console RJ-type connector, 2 x USB connectors,
2 x RJ-45 connectors, 1 x VGA connector
Watchdog Timer
255 stepping for system reset
8 stepping for LAN bypass
USB
2 x USB 3.0 ports on front side, rest are internal pin headers
Expansion slot
2 x PCIe x16
Other Features
LAN bypass function through software program
Power Supply
2U redundant power supply (1+1) 650W
OS Compatibility
Linux Redhat Kernel
Mechanical/ Environmental
Form Factor
2U rackmount
LED
Power, HDD, Link/Act with transfer rate, GPIO
Operating Temp.
0° ~ +45°C (32°F ~ 113°F)
Storage Temp.
-20°C ~ +70°C (-4°F ~ +158°F)
Humidity
10% ~ 95% RH, non-condensing
Chassis Material
Steel
Dimensions
88 mm (3.46") (H) x 430 mm (16.92”) (W) x 550 mm (21.65") (D)
Weight (net/gross)
8.32 kg (18.34 lb)/12.76 kg (28.13 lb)
Certification
FCC class A/ CE class A
Standard
NA850-R2GI-RC-US
(P/N: E26E850100)
2U network appliance with dual LGA2011 Intel® Xeon®
E5-2600 v3 family processors and 2 GbE LAN ports
Optional
5916E552000E
DB9F-RJ45 1.8M console cable for Cisco
AX93316-8GI
8-port Gigabit copper module
AX93316-8GIL
8-port Gigabit copper module with LAN bypass
AX93322-8FI
8-port Fiber module
AX93322-8MIL
4-port Gigabit copper & 4-port Fiber module with LAN bypass
AX93336-4GI
4-port Gigabit copper module
AX93336-4GIL
4-port Gigabit copper module with LAN bypass
AX93336-4FI
4-port Fiber module
AX93307-2FI
2-port 10G Fiber module
AX93307-2FIL
2-port 10G Fiber module with LAN bypass
AX93317-2GIL
2-port 10G Base-T module with LAN bypass
AX93327-4FI
4-port 10G Fiber module
* Specifications and certifications are based on options and may vary.
** Recommend ordering optional cable kit with first order.
1 x power cord
1 x SATA cable
1 x utility CD (user's manual and driver)
Rear view
Front view
USB 3.0
USB
USB
LAN Bypass
DDR4
DDR4
DDR4
Redundant Power
0+1
0+1
1+1
1+1
CFastTM
NIC Module
Swappable
HDD
HDD
DPDK
DPDK
DPDK
NA850
2U Rackmount Network Appliance Platform
with Dual LGA2011 Intel® Xeon® E5-2600
v3 Family Processors, Intel® C612 and
up to 42 LANs


Similar Part No. - NA850-R2GI-RC-US

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA850 AXIOMTEK-NA850 Datasheet
430Kb / 2P
Supports diversification LAN modules expansion , 5 expandable LAN module slots support max. up to 42 LAN ports
NA850 AXIOMTEK-NA850_17 Datasheet
309Kb / 1P
2U Rackmount Network Appliance Platform with Dual LGA2011 Socket
More results

Similar Description - NA850-R2GI-RC-US

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-320R AXIOMTEK-NA-320R Datasheet
197Kb / 1P
Supports BIOS redirected to COM port
NA-330 AXIOMTEK-NA-330 Datasheet
223Kb / 1P
Supports BIOS redirected to COM port
NA-340 AXIOMTEK-NA-340 Datasheet
219Kb / 1P
Supports BIOS redirected to COM port
NA-510 AXIOMTEK-NA-510 Datasheet
141Kb / 1P
Supports BIOS redirected to COM port
NA-811A AXIOMTEK-NA-811A Datasheet
290Kb / 1P
Supports BIOS redirected to COM port features
NA-822 AXIOMTEK-NA-822 Datasheet
135Kb / 1P
Supports BIOS redirected to COM port
NA361R AXIOMTEK-NA361R Datasheet
209Kb / 1P
Supports BIOS redirected to COM port feature
NA510 AXIOMTEK-NA510 Datasheet
160Kb / 1P
Supports BIOS redirected to COM port
NA550 AXIOMTEK-NA550 Datasheet
244Kb / 1P
Supports BIOS redirected to COM port
NA552 AXIOMTEK-NA552 Datasheet
271Kb / 1P
Supports BIOS redirected to COM port
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com