Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCRP32 Datasheet(PDF) 13 Page - ASM GmbH

Part # PCRP32
Description  Round Profile Housing with Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCRP32 Datasheet(HTML) 13 Page - ASM GmbH

Back Button PCRP32 Datasheet HTML 6Page - ASM GmbH PCRP32 Datasheet HTML 7Page - ASM GmbH PCRP32 Datasheet HTML 8Page - ASM GmbH PCRP32 Datasheet HTML 9Page - ASM GmbH PCRP32 Datasheet HTML 10Page - ASM GmbH PCRP32 Datasheet HTML 11Page - ASM GmbH PCRP32 Datasheet HTML 12Page - ASM GmbH PCRP32 Datasheet HTML 13Page - ASM GmbH PCRP32 Datasheet HTML 14Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
KAB - XM - M12/8F/W - LITZE
KAB - XM - M12/8F/W/69K - LITZE
IP69K:
KAB - XM - M12/5F/G/69K - LITZE
KAB - XM - M12/5F/G - LITZE
KAB - XM - M12/5F/W/69K - LITZE
KAB - XM - M12/5F/W - LITZE
KAB - XM - M12/8F/G - LITZE
KAB - XM - M12/8F/G/69K - LITZE
IP69K:
IP69K:
IP69K:
POSICHRON®
Accessories
Connector Cables
Connector cable
M12, 8-pin
shielded
The 8-lead shielded cable is supplied with a
mating 8-pin 90° M12 connector at one end
and 8 wires at the other end. Available lengths
are 2, 5 and 10 m. Wire: cross sectional area
0.25 mm².
Order code:
Length in m
Signal wiring
M12, 8-pin
Plug connection / Cable connection
1
2
3
4
5
6
7
8
white
brown
green
yellow
grey
pink
blue
red
Connector cable
M12, 8-pin
shielded
The 8-lead shielded cable is supplied with a
mating 8-pin M12 connector at one end and
8 wires at the other end. Available lengths
are 2, 5 and 10 m. Wire: cross sectional area
0.25 mm².
Order code:
Length in m
Connector cable
M12, 5-pin
shielded
The 5-lead shielded cable is supplied with a
mating 5-pin 90° M12 connector at one end and
5 wires at the other end. Available lengths are
2 m, 5 m and 10 m. Wire: cross sectional area
0.34 mm2.
Order code:
Length in m
Connector cable
M12, 5-pin
shielded
The 5-lead shielded cable is supplied with a
mating 5-pin M12 connector at one end and 5
wires at the other end. Available lengths are 2
m, 5 m and 10 m. Wire: cross sectional area
0.34 mm2.
Order code:
Length in m
Signal wiring
M12, 5-pin
Plug connection / Cable connection
1
2
3
4
5
brown
white
blue
black
grey
DB-PCRP32-E-2013-11
www.asm-sensor.com
13/14
© ASM GmbH
info@asm-sensor.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com