Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S6DX103Z2 Datasheet(PDF) 1 Page - Semtech Corporation

Part # S6DX103Z2
Description  High Voltage Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

S6DX103Z2 Datasheet(HTML) 1 Page - Semtech Corporation

  S6DX103Z2 Datasheet HTML 1Page - Semtech Corporation S6DX103Z2 Datasheet HTML 2Page - Semtech Corporation S6DX103Z2 Datasheet HTML 3Page - Semtech Corporation S6DX103Z2 Datasheet HTML 4Page - Semtech Corporation S6DX103Z2 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POWER DISCRETES
1
www.semtech.com
180pF THRU .39µF
High Voltage Capacitors
Features
Revision: October 1, 2008
X7R dielectric
1kV to 5kV voltage range
Description
Semtech Premium Dielectric
High Voltage Capacitors
Monolithic Ceramic type
Semtech’s premium dielectric capacitors demonstrate
minimum capacitance change over the operation voltage
and temperature range, high current carrying capability
and high volumetric efficiency. This X7R body has been
designed into the most demanding applications: from the
one extreme of satellite, missile, space shuttle, and
avionics programs to the other extreme of “down hole”
oil exploration equipment.
General Specifications
Operating temperature range -55°C to 125°C
Aging rate <1.0% per decade hour
Insulation resistance: 100k meg
Ω or 1000megΩ
microfarads, whichever is less, at 500VDC, 25°C
Dissipation factor: 2.5% max at 1kHz 1 VAC, 25°C
Dielectric withstanding voltage: 1.2 x rated voltage
at 25°C (Test conducted with charging current
limited to 10mA and discharge current limited to
10A)
Temperature coefficient:
± 15% over -55°C to
125°C range
“S” size package type available


Similar Part No. - S6DX103Z2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S6D MCC-S6D Datasheet
346Kb / 3P
6 Amp Silicon Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
S6D TSC-S6D Datasheet
52Kb / 2P
6.0 AMPS. Surface Mount Rectifiers
logo
Micro Commercial Compon...
S6D MCC-S6D Datasheet
191Kb / 5P
6 Amp Silicon Rectifier 50 to 1000 Volts
logo
Formosa MS
S6D FORMOSA-S6D Datasheet
119Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Thinki Semiconductor Co...
S6D THINKISEMI-S6D Datasheet
655Kb / 2P
6.0 Ampere Surface Mount Glass Passivated General Purpose Rectifier
More results

Similar Description - S6DX103Z2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
180PF SEMTECH-180PF Datasheet
118Kb / 5P
High Voltage Capacitors
logo
Superworld Electronics
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
HIGH VOLTAGE CHIP CAPACITORS
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
HIGH VOLTAGE CHIP CAPACITORS
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
HIGH VOLTAGE CHIP CAPACITORS
logo
Vishay Siliconix
EPR150-104 VISHAY-EPR150-104 Datasheet
692Kb / 3P
High Voltage DC Capacitors
11-Aug-10
logo
List of Unclassifed Man...
MCCA000634 ETC1-MCCA000634 Datasheet
392Kb / 12P
High Voltage Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
High Voltage Ceramic Capacitors
logo
List of Unclassifed Man...
DK-6R3D104T ETC2-DK-6R3D104T Datasheet
84Kb / 1P
High Voltage Tolerance Capacitors
logo
Exxelia Group
CSERIES EXXELIA-CSERIES Datasheet
848Kb / 18P
High Voltage Chips Capacitors
02/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com