Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS31-500-R1K-L35-2 Datasheet(PDF) 38 Page - ASM GmbH

Part # WS31-500-R1K-L35-2
Description  Compact OEM sensors for large order volumes
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS31-500-R1K-L35-2 Datasheet(HTML) 38 Page - ASM GmbH

Back Button WS31-500-R1K-L35-2 Datasheet HTML 34Page - ASM GmbH WS31-500-R1K-L35-2 Datasheet HTML 35Page - ASM GmbH WS31-500-R1K-L35-2 Datasheet HTML 36Page - ASM GmbH WS31-500-R1K-L35-2 Datasheet HTML 37Page - ASM GmbH WS31-500-R1K-L35-2 Datasheet HTML 38Page - ASM GmbH WS31-500-R1K-L35-2 Datasheet HTML 39Page - ASM GmbH WS31-500-R1K-L35-2 Datasheet HTML 40Page - ASM GmbH WS31-500-R1K-L35-2 Datasheet HTML 41Page - ASM GmbH WS31-500-R1K-L35-2 Datasheet HTML 42Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
POSIWIRE®
WS31C
Output specifications
DB-WS31C-E-2015-06
1.0.0 | © ASM GmbH
8/12
www.asm-sensor.com
Tel. +49 (0)8123 - 986 - 0
Output specifications
Analog outputs
Voltage divider R1K
Potentiometer
Excitation voltage
32 V DC max. at 1 kΩ (max. power 1 W)
Potentiometer impedance
1 kΩ ±10 %
Thermal coefficient
±25 x 10-6 / °C f.s.
Sensitivity
Depends on the measuring range, individual
sensitivity of the sensor is specified on the
label
Voltage divider utilization range
approx. 3 % … 97 %
Operating temperature
Refer to output specification
EMC
EN 61326-1:2013
Output signals
+ Excitation
Note:
The metal wiper of the potentiometer must be protected
against current load!
Electrical current flow impact on the wiper causes linearity
errors and shortens the lifetime of the potentiometer.
Metal wiper
GND
Signal wiring
Signal
Connector
pin no.
Cable color
[WH, BN, GN, YE]
Cable color
[BN, WH, BU, BK, GY]
Poti +
1
white
brown
Poti GND
2
brown
white
Poti slider
3
green
blue
-
4
yellow
black
-
5
-
grey
-
6, 7, 8
-
-
View to sensor
connector
CONN-M12-8F
CONN-M8-4F
(nur WS31C, WS42C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com