Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDA060B-24VB Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PDA060B-24VB
Description  60W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA060B-24VB Datasheet(HTML) 1 Page - Phihong USA Inc.

  PDA060B-24VB Datasheet HTML 1Page - Phihong USA Inc. PDA060B-24VB Datasheet HTML 2Page - Phihong USA Inc. PDA060B-24VB Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised 7/24/2014
WWW.PHIHONG.COM
60W Constant Voltage LED Driver
PDA060B Waterproof LED Driver Non-Dimming
Features
 Class 2 per UL1310
 IP67 Rating - waterproof
 OVP, OCP, Over-Load and Short-Circuit
Protection
 THD <20%
 UL 8750 Compliant
 >0.9 Power Factor Correction
 Brownout/Brownout Recovery
Applications
 Down lights
 Area Lights
 Architectural lighting
Safety Approvals (Pending)
 cUL/UL
Mechanical Characteristics
 Length: 162.5mm (6.39in)
 Height: 32mm (1.26in)
 Width: 43mm (1.69in)
 Weight: 342g (12.1oz)
Output Specifications
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at
www.phihong.com for the most up-to-date specifications and contact information.
Model
Output Current Range
DC Output
Voltage
Output
Power
Min.
Typ.
Max.
PDA060B-24VB
0A
-
2.5A
24V
60W
PDA060B-48VB
0A
-
1.25A
48V
60W


Similar Part No. - PDA060B-24VB

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA060B-2A0B PHIHONG-PDA060B-2A0B Datasheet
204Kb / 3P
60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
More results

Similar Description - PDA060B-24VB

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA040B-24VB PHIHONG-PDA040B-24VB Datasheet
232Kb / 2P
40W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming
PDA040B-700B PHIHONG-PDA040B-700B Datasheet
164Kb / 3P
40W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041B-24VB PHIHONG-PDA041B-24VB Datasheet
137Kb / 2P
40WConstant Voltage LED Driver Waterproof LED Driver Non-Dimming
PDA041B-700B PHIHONG-PDA041B-700B Datasheet
138Kb / 2P
40WConstant Current LED Driver Waterproof LED Driver Non-Dimming
PDA060B-700B PHIHONG-PDA060B-700B Datasheet
204Kb / 3P
60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA060W-700B PHIHONG-PDA060W-700B Datasheet
216Kb / 4P
60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA100B-48VG PHIHONG-PDA100B-48VG Datasheet
441Kb / 3P
100W Constant Voltage LED Driver PDA100B LED Power Supply Non-Dimming
logo
Mean Well Enterprises C...
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
60W Constant Voltage Constant Current LED Driver
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
60W Constant Current LED Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com