Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC221EVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC221EVB
Description  Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC221EVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC221EVB Datasheet HTML 1Page - Semtech Corporation SC221EVB Datasheet HTML 2Page - Semtech Corporation SC221EVB Datasheet HTML 3Page - Semtech Corporation SC221EVB Datasheet HTML 4Page - Semtech Corporation SC221EVB Datasheet HTML 5Page - Semtech Corporation SC221EVB Datasheet HTML 6Page - Semtech Corporation SC221EVB Datasheet HTML 7Page - Semtech Corporation SC221EVB Datasheet HTML 8Page - Semtech Corporation SC221EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
SC221 x
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
Notes:
(1) All voltage values in this section are with respect to PGND pin voltage.
(2) Tested according to JEDEC standard JESD22-A114-B.
(3) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
AVIN, PVIN (V)....................................... 6.0
VOUT, FB, EN, SW (V) .....................-0.3to(V
IN +0.3)
AGND (V) ................................-0.3 to +0.3
ESD Protection Level(1) (kV) .......................... 3kV
Recommended Operating Conditions
Input Voltage Range (V) ..................... +2.7 to +5.5
Output DC Current (mA). . . . . . . . . . . . . . . . . . . . . up to 650
Operating Temperature Range (°C) .......... -40 to +85
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W)....38
Junction Temperature Range (°C) .......... -40 to +150
Storage Temperature Range (°C) ............ -65 to +150
Lead Temperature (soldering 10s (°C) ................ 260
Unless otherwise specified: AVIN=PVIN = 3.6V, EN = AVIN = PVIN, C
IN=COUT =1.0μF, L=220nH. TA = 25°C for typical values, -40°C < TA = TJ < 85°C for
minimum and maximum values.
Parameter
Symbol
Condition
Min
Typ
Max
Units
POWER SUPPLY
Input Voltage
V
IN
2.7
5.5
V
Input Quiescent Current
I
VIN_Q
No load, no switching
17.5
60
µA
Shutdown Current
I
VIN_SD
EN = 0V
1.0
µA
POWER SWITCH
PMOS On Resistance
400
mΩ
NMOS On Resistance
360
mΩ
OSCILLATOR
Switching Frequency
f
OSC
PWM Mode
16
20
24
MHz
REGULATION
Output Voltage Tolerance(1)
V
OUT_TOL
-4.0
4.0
%
Current Limit
I
LIMIT
800
1300
mA
Soft-Start(1)
t
SS
EN pin low to high
40
µs
Feedback Voltage
V
FB
2.7V ≤ VIN ≤ 5.5V
0.97
1.00
1.03
V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com