Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4808B Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4808B
Description  High Performance Dual Ended PWM Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808B Datasheet(HTML) 2 Page - Semtech Corporation

  SC4808B Datasheet HTML 1Page - Semtech Corporation SC4808B Datasheet HTML 2Page - Semtech Corporation SC4808B Datasheet HTML 3Page - Semtech Corporation SC4808B Datasheet HTML 4Page - Semtech Corporation SC4808B Datasheet HTML 5Page - Semtech Corporation SC4808B Datasheet HTML 6Page - Semtech Corporation SC4808B Datasheet HTML 7Page - Semtech Corporation SC4808B Datasheet HTML 8Page - Semtech Corporation SC4808B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
 2005 Semtech Corp.
www.semtech.com
SC4808A/B
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
M
W
P
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M,
V
5
=
B
F
,
z
H
k
0
5
=
c
s
o
F
B
T
U
O
r
o
A
T
U
O
t
a
d
e
r
u
s
a
e
M
8
49
40
5%
e
l
c
y
C
y
t
u
D
m
u
m
i
n
i
M,
V
5
.
1
=
B
F
,
z
H
k
0
5
=
c
s
o
F
B
T
U
O
r
o
A
T
U
O
t
a
d
e
r
u
s
a
e
M
0%
e
s
n
e
S
t
n
e
r
r
u
C
n
i
a
G
3
l
a
n
g
i
S
t
u
p
n
I
m
u
m
i
x
a
M
5
7
45
2
55
7
5V
m
y
a
l
e
D
t
u
p
t
u
O
o
t
S
C
0
0
1s
n
d
l
o
h
s
e
r
h
T
t
n
e
r
r
u
C
r
e
v
O
0
5
8
.0
5
9
.1
V
n
o
it
a
s
n
e
p
m
o
C
e
p
o
l
S
l
a
n
r
e
t
n
I
r
o
t
s
i
s
e
R
5
2k
Ω
t
e
s
f
f
O
S
C
o
t
B
F
0
3
.
10
5
.
10
7
.
1V
t
u
p
t
u
O
l
e
v
e
L
w
o
L
T
U
O
00
5
.0
7
.V
l
e
v
e
L
h
g
i
H
T
U
O
0
.
1
15
2
.
1
10
0
.
2
1V
e
m
i
T
e
s
i
R
5
2s
n
e
m
i
T
ll
a
F
5
2s
n
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
SV
C
C
8
1
o
t
5
.
0
-V
t
n
e
r
r
u
C
y
l
p
p
u
SI
C
C
0
2A
m
D
N
G
o
t
F
E
R
,
O
L
V
U
L
,
S
C
,
C
R
,
C
N
Y
S
7
o
t
5
.
0
-V
D
N
G
o
t
B
FV
B
F
V
(
o
t
5
.
0
-
F
E
R
)
5
.
0
+V
t
n
e
r
r
u
C
F
E
RI
F
E
R
0
1A
m
D
N
G
o
t
B
T
U
O
/
A
T
U
OV
B
/
A
T
U
O
8
1
o
t
5
.
0
-V
)
k
a
e
p
(
t
n
e
r
r
u
C
e
c
r
u
o
S
B
T
U
O
/
A
T
U
OI
e
c
r
u
o
s
0
5
2
-A
m
)
k
a
e
p
(
t
n
e
r
r
u
C
k
n
i
S
B
T
U
O
/
A
T
U
OI
k
n
i
s
0
5
2A
m
T
t
a
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
A
C
°
5
2
=P
D
5
0
1
.
1W
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
1
.
3
1
1W
/
C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
0
5
1
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3
+C
°
)
l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
EV
D
S
E
2V
k
Unless specified: VCC = 12V; CL = 100pF; T
A = -40°C to 105°C
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in
the Electrical Characteristics section is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com