Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4808BIMSTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC4808BIMSTRT
Description  High Performance Dual Ended PWM Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808BIMSTRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC4808BIMSTRT Datasheet HTML 12Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 13Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 14Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 15Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 16Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 17Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 18Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 19Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
16
 2005 Semtech Corp.
www.semtech.com
SC4808A/B
POWER MANAGEMENT
which might cause negative voltages at the output of the
drivers. This negative voltage can be clamped to a reason-
able level by placing a small Schottky diode directly at the
output of the driver as shown below.
C34
0.1u
VCC
VCC
U3
SC1301A
1
4
3
2
5
C23
0.1u
EN
U6
SC1301A
1
4
3
2
EN
VCC
R28
10
2.2u,16V
C26
F
D_A
0.1u,25V
C33
R33
10k
SYNC
U4
SC4808
4
5
3
2
10
1
6
7
8
9
FB
REF
CS
RC
LUVLO
SYNC
GND
OUTB
OUTA
VCC
D_B
Gate_A
5
Gate_B
R23
56.2k
Vin
OVER CURRENT
Two levels of over current protection are provided by the
SC4808. The current information is sensed at the CS pin
and compared to a peak current limit level of 525mV. If
the 525mV limit is exceeded, the OUTA and OUTB pulse
widths and duty cycle is reduced until the CS pin reaches a
second threshold of 950mV. At that point, the OUTA and
OUTB are disabled, and after a delay of 140µs, the inter-
nal softstart sequence is started. After the softstart dura-
tion (see page 21 for calculation of softstart time), normal
operation is achieved, unless the over current condition is
still present.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com