Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4809CIMSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4809CIMSTRT
Description  High Performance Current Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4809CIMSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC4809CIMSTRT Datasheet HTML 1Page - Semtech Corporation SC4809CIMSTRT Datasheet HTML 2Page - Semtech Corporation SC4809CIMSTRT Datasheet HTML 3Page - Semtech Corporation SC4809CIMSTRT Datasheet HTML 4Page - Semtech Corporation SC4809CIMSTRT Datasheet HTML 5Page - Semtech Corporation SC4809CIMSTRT Datasheet HTML 6Page - Semtech Corporation SC4809CIMSTRT Datasheet HTML 7Page - Semtech Corporation SC4809CIMSTRT Datasheet HTML 8Page - Semtech Corporation SC4809CIMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
www.semtech.com
SC4809A/B/C
High Performance Current Mode
PWM Controller
POWER MANAGEMENT
Revision: September 21, 2005
Description
Features
Applications
Typical Application Circuit
Operation to 1MHz
Accurate programmable maximum duty cycle
Line voltage monitoring
External frequency synchronization
Bi-phase mode of operation for low ripple
Under 100µA start-up current
Accessible reference voltage
VDD undervoltage lockout
-40°C to 105°C operating temperature
10 lead MSOP package. Lead free package available.
Fully WEEE and RoHS compliant
The SC4809A/B/C is a 10 pin BICMOS primary side
current mode controller for use in Isolated DC-DC and
off-line switching power supplies. It is a highly integrated
solution, requiring few external components. It features
a high frequency of operation, accurately programmable
maximum duty cycle, current mode control, line voltage
monitoring, supply UVLO, low start-up current, and
programmable soft start with user accessible reference.
It operates in a fixed frequency, highly desirable for
Telecom applications. Features a separate sync pin which
simplifies synchronization to an external clock. Feeding
the oscillator of one device to the sync of another forces
biphase operation which reduces input ripple and filter
size.
The SC4809A/B/C have different threshold and VREF
to accommodate a wide variety of applications.
These devices are available in the MSOP–10 lead free
package.
Telecom equipment and power supplies
Networking power supplies
Power over LAN applications
Industrial power supplies
Isolated power supplies
C1
C5
C4
+48V
-- 48V
R6
C2
R7
R2
U4
SC4431
VCC
3
OUT
4
IN
1
EN
5
GND
2
U2
SC1301
Q2
R11
R10
T1
C6
U3
R9
R3
R1
R12
D1
C7
D2
C8
C9
R14
R13
Vout
DISABLE
VDD
1
LUVLO
2
SYNC
3
RCT
4
FB
7
GND
8
OUT
9
VREF
10
DMAX
5
SS
6
U1
SC4809
SYNC
Q1
R4
R5
R8
C3


Similar Part No. - SC4809CIMSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4809C SEMTECH-SC4809C Datasheet
317Kb / 16P
High Performance Current Mode PWM Controller
More results

Similar Description - SC4809CIMSTRT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Sep-2001
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com