Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4910AITSTRT Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC4910AITSTRT
Description  High Performance Secondary Side Controller with Synchronous Rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4910AITSTRT Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC4910AITSTRT Datasheet HTML 11Page - Semtech Corporation SC4910AITSTRT Datasheet HTML 12Page - Semtech Corporation SC4910AITSTRT Datasheet HTML 13Page - Semtech Corporation SC4910AITSTRT Datasheet HTML 14Page - Semtech Corporation SC4910AITSTRT Datasheet HTML 15Page - Semtech Corporation SC4910AITSTRT Datasheet HTML 16Page - Semtech Corporation SC4910AITSTRT Datasheet HTML 17Page - Semtech Corporation SC4910AITSTRT Datasheet HTML 18Page - Semtech Corporation SC4910AITSTRT Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
 2005 Semtech Corp.
www.semtech.com
SC4910A/B
POWER MANAGEMENT
Error Amp Output Voltage vs Temperature
0.50
1.00
1.50
2.00
2.50
3.00
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Vcc = 12V
Icomp = 1mA
High
Low
Oscillator Frequency vs Temperature
475
480
485
490
495
500
505
510
515
520
525
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Rt1 = Rt2 = 50kohm
Enable Voltage vs Temperature
0.50
1.00
1.50
2.00
2.50
3.00
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Vcc = 12V
High
Low
Max Duty Cycle vs Temperature
89.00
89.20
89.40
89.60
89.80
90.00
90.20
90.40
90.60
90.80
91.00
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Output A
Progammable Delay vs Temperature
60.00
65.00
70.00
75.00
80.00
85.00
90.00
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Rdelay = 50kohm
Typical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com