Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS80000 Datasheet(PDF) 21 Page - Semtech Corporation

Part # TS80000
Description  High Efficiency Transmitter Controller for Wireless Power Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS80000 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button TS80000 Datasheet HTML 17Page - Semtech Corporation TS80000 Datasheet HTML 18Page - Semtech Corporation TS80000 Datasheet HTML 19Page - Semtech Corporation TS80000 Datasheet HTML 20Page - Semtech Corporation TS80000 Datasheet HTML 21Page - Semtech Corporation TS80000 Datasheet HTML 22Page - Semtech Corporation TS80000 Datasheet HTML 23Page - Semtech Corporation TS80000 Datasheet HTML 24Page - Semtech Corporation TS80000 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
TS80000
Final Datasheet
Rev 1.4
March 19, 2015
www.semtech.com
21 of 37
Semtech
Proprietary & Confidential
Receiver Power State Register (POWER_STATE_RX)
AAddress:
0x45
Reset value:
0x00
Bits 7:0 Reserved
PWM Frequency Register (PWM_FREQUENCY_H:PWM_FREQUENCY_L)
Address:
0x46
Reset value:
0x0000
Bits 15:0
PWM_FREQUENCY[15:0]: Operating frequency (100 Hz)
Transmitter operating frequency. The unit is 100 Hz.
Example: If the transmitter is operating at 145640 kHz, a value of 1456 is read from the PWM_FREQUENCY
register.
PWM Duty Cycle Register (PWM_DTC_H:PWM_DTC_L)
Address:
0x48
Reset value:
0x0000
Bits 15:0
PWM_DTC[15:0]: Operating duty cycle (0.01%)
Transmitter operating duty cycle. The unit is 0.01%. In half-bridge mode the duty cycle is
between 0 and 5000. In full-bridge mode the duty cycle is between 0 and 10000.
Example: If the transmitter is operating at 50% duty cycle, a value of 5000 is read from the PWM_DTC register.
Bridge DC Voltage Register (DC_VOLTAGE_H:DC_VOLTAGE_L)
Address:
0x4A
Reset value:
0x0000
BBits 15:0
DC_VOLTAGE[15:0]: Bridge voltage measurement (mV)
DC voltage measurement across the bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com