Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1765T Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 26Page - Infineon Technologies AG TC1765T Datasheet HTML 27Page - Infineon Technologies AG TC1765T Datasheet HTML 28Page - Infineon Technologies AG TC1765T Datasheet HTML 29Page - Infineon Technologies AG TC1765T Datasheet HTML 30Page - Infineon Technologies AG TC1765T Datasheet HTML 31Page - Infineon Technologies AG TC1765T Datasheet HTML 32Page - Infineon Technologies AG TC1765T Datasheet HTML 33Page - Infineon Technologies AG TC1765T Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
TC1765
Data Sheet
26
V1.2, 2002-12
Preliminary
Features of T0 and T1:
• Each timer has a dedicated 32-bit reload register with automatic reload on overflow.
• Timers can be split into individual 8-, 16-, or 24-bit timers with individual reload
registers.
• Overflow signals can be selected to generate service requests, pin output signals, and
T2 trigger events.
• Two input pins can define a count option.
Features of T2:
• Count up or down is selectable
• Operating modes:
–Timer
– Counter
– Quadrature counter (incremental/phase encoded counter interface)
• Options:
– External start/stop, one-shot operation, timer clear on external event
– Count direction control through software or an external event
– Two 32-bit reload/capture registers
• Reload modes:
– Reload on overflow or underflow
– Reload on external event: positive transition, negative transition, or both transitions
• Capture modes:
– Capture on external event: positive transition, negative transition, or both
transitions
– Capture and clear timer on external event: positive transition, negative transition, or
both transitions
• Can be split into two 16-bit counter/timers
• Timer count, reload, capture, and trigger functions can be assigned to input pins. T0
and T1 overflow events can also be assigned to these functions.
• Overflow and underflow signals can be used to trigger T0 and/or T1 and to toggle
output pins.
• T2 events are freely assignable to the service request nodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com