Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GCS350PS28 Datasheet(PDF) 13 Page - XP Power Limited

Part # GCS350PS28
Description  AC-DC Power Supplies 150/180/250/350 Watts
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS350PS28 Datasheet(HTML) 13 Page - XP Power Limited

Back Button GCS350PS28 Datasheet HTML 6Page - XP Power Limited GCS350PS28 Datasheet HTML 7Page - XP Power Limited GCS350PS28 Datasheet HTML 8Page - XP Power Limited GCS350PS28 Datasheet HTML 9Page - XP Power Limited GCS350PS28 Datasheet HTML 10Page - XP Power Limited GCS350PS28 Datasheet HTML 11Page - XP Power Limited GCS350PS28 Datasheet HTML 12Page - XP Power Limited GCS350PS28 Datasheet HTML 13Page - XP Power Limited GCS350PS28 Datasheet HTML 14Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
4.72 (120.0)
0.68 (17.2)
4.72 (120.0)
0.75 (18.9)
2.00 (50.8)
0.68 (17.2)
1.48
(37.7)
0.50 (12.6)
3.50
(88.9)
2.02
(51.2)
1.42
(36.2)
0.86
(21.9)
0.99
(25.1)
1.75 (44.4)
6.00 (152.4)
0.68 (17.3)
0.25 (6.4)
0.56 (14.2)
1.75
(44.4)
Input Terminal Block
Dinkle P/N DT-2C-A02W-03
0.24 (6.0)
0.70
(17.7)
M3 Screw
2 X M3 X 0.5 THD
0.16 (4.0) Max screw penetration
4 X M3 X 0.5 THD
0.16 (4.0) Max screw penetration
0.88 (22.3)
End Fan (-EF) GCS350
Mechanical Details
GCS Series
AC-DC Power Supplies
www.xppower.com
13
Notes
1. All dimensions in inches (mm).
2. Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
3. Weight: 0.65 lbs (0.29 kg)
4. 6 position single row J2 mates with Molex Housing Pn. 09-50-1061 and both
with Molex series 5194 crimp terminals. 12 position dual row J2 mates with
Molex Housing Pn. 39-01-2125 and with Molex series 5556 crimp terminals.
J3 mates with Molex Housing Pn. 51191-0200 and with Molex series 50802
crimp terminals. J4 mates with JST Housing Pn. PHDR-10VS and with JST
SPHD-001T-P0.5 crimp terminals.
Output Connector
6 position J2
Molex pn. 09-65-2068
Pin
Function
1
+V1
2
+V1
3
+V1
4
RTN
5
RTN
6
RTN
Output Connector
12 position J2
Molex pn. 39-28-8120
Pin
Function
1-3
RTN
4-6
+V1
7-9
RTN
10-12
+V1
Input Connector J1
Dinkle PN
DJ-26-AD2W-03
Pin
Function
1
Line
2
Neutral
3
Signal Connector J4
JST PN B10B-PHDSS
Pin
Function
1
+Sense
2
-Sense
3
XP Internal Use
4
Inhibit LO
5
Inhibit HI
6
N/C
7
N/C
8
N/C
9
N/C
10
N/C
Fan Connector J3
Molex pn. 22-04-1021
Pin
Function
1
Fan +(12 V)
2
Fan -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com