Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GCS350PS48 Datasheet(PDF) 9 Page - XP Power Limited

Part # GCS350PS48
Description  AC-DC Power Supplies 150/180/250/350 Watts
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS350PS48 Datasheet(HTML) 9 Page - XP Power Limited

Back Button GCS350PS48 Datasheet HTML 5Page - XP Power Limited GCS350PS48 Datasheet HTML 6Page - XP Power Limited GCS350PS48 Datasheet HTML 7Page - XP Power Limited GCS350PS48 Datasheet HTML 8Page - XP Power Limited GCS350PS48 Datasheet HTML 9Page - XP Power Limited GCS350PS48 Datasheet HTML 10Page - XP Power Limited GCS350PS48 Datasheet HTML 11Page - XP Power Limited GCS350PS48 Datasheet HTML 12Page - XP Power Limited GCS350PS48 Datasheet HTML 13Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
GCS Series
AC-DC Power Supplies
www.xppower.com
Mechanical Details
Notes
1. All dimensions in inches (mm).
2. Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
3. Weight: 0.65 lbs (0.29 kg)
4. J1 mates with Molex Housing Pn. 09-50-1031. 6 position single row J2 mates
with Molex Housing Pn. 09-50-1061 and both with Molex series 5194 crimp
terminals. 12 position dual row J2 mates with Molex Housing Pn. 39-01-2125
and with Molex series 5556 crimp terminals. J3 mates with Molex Housing
Pn. 51191-0200 and with Molex series 50802 crimp terminals. J4 mates with
JST Housing Pn. PHDR-10VS and with JST SPHD-001T-P0.5 crimp terminals.
Output Connector
6 position J2
Molex pn. 09-65-2068
Pin
Function
1
+V1
2
+V1
3
+V1
4
RTN
5
RTN
6
RTN
Output Connector
12 position J2
Molex pn. 39-28-8120
Pin
Function
1-3
RTN
4-6
+V1
7-9
RTN
10-12
+V1
Input Connector J1
Molex pn. 09-65-2038
Pin
Function
1
Line
2
Neutral
Signal Connector J4
JST PN B10B-PHDSS
Pin
Function
1
+Sense
2
-Sense
3
XP Internal Use
4
Inhibit LO
5
Inhibit HI
6
N/C
7
N/C
8
N/C
9
N/C
10
N/C
Fan Connector J3
Molex pn. 22-04-1021
Pin
Function
1
Fan +(12 V)
2
Fan -
3.0
(76.2)
2.5
(64.7)
0.5 (12.6)
0.15 (3.8)
SMD Component height
M3 screw terminal bus bar
Standard on 12/15 V models
Optional on all other models
1.49
(37.8)
0.40
(10.2)
M3 Screw
1.7
(44.8)
1.18
(29.8)
0.61
(15.6)
0.16
(4.1)
0.20
(5.1)
0.29
(7.4)
2.4
(61.0)
1.6
(40.6)
0.18
(4.6)
0.25 faston
ground tab
4 x ø.156 (3.96) mounting hole
ø.312 (7.92) clearance top and bottom
J4
1
2
3
5
4
6
1
12
J1
J3
1
2
1.8
0.22 (5.72)
0.20 (5.1)
(46.7)
J4
6
J2
1
J3
J4
J3
J2
12
7
+
-
6 Position single row
Standard on 24/28/48/56 V models
12 Position dual row
Optional on 12/15 V models
5.0 (127.0)
4.5 (115.57)
0.2 (5.72)
1
2
3
5
4
1
2
1
2
3
5
4
1
2
GCS350 model
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com