Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CJMPD8 Datasheet(PDF) 2 Page - Zhaoxingwei Electronics ., Ltd

Part # CJMPD8
Description  DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZHAOXINGWEI [Zhaoxingwei Electronics ., Ltd]
Direct Link  http://www.alldatasheet.com
Logo ZHAOXINGWEI - Zhaoxingwei Electronics ., Ltd

CJMPD8 Datasheet(HTML) 2 Page - Zhaoxingwei Electronics ., Ltd

  CJMPD8 Datasheet HTML 1Page - Zhaoxingwei Electronics ., Ltd CJMPD8 Datasheet HTML 2Page - Zhaoxingwei Electronics ., Ltd CJMPD8 Datasheet HTML 3Page - Zhaoxingwei Electronics ., Ltd CJMPD8 Datasheet HTML 4Page - Zhaoxingwei Electronics ., Ltd CJMPD8 Datasheet HTML 5Page - Zhaoxingwei Electronics ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7
Drain-Source Breakdown Voltage
BVDSS
-20
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
-1
µA
VDS = -20V, VGS = 0V
Gate-Source Leakage
IGSS


100
800
nA
VGS = 8V, VDS = 0V
VGS = 12V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-0.45
-0.9
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS (ON)


54
68
86
70
85
m
Ω
VGS = -4.5V, ID = -2.8A
VGS = -2.5V, ID = -2.0A
VGS = -1.8V, ID = -1.0A
Forward Transfer Admittance
|Yfs|
8
S
VDS = -5V, ID = -2.8A
Diode Forward Voltage (Note 7)
VSD
0.7
-1.2
V
VGS = 0V, IS = -1.6A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
536
pF
VDS = -10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
68
pF
Reverse Transfer Capacitance
Crss
59
pF
Gate Resistance
Rg
-
34
-
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
-
6.5
-
nC
VGS = -4.5V, VDD = -10V,
ID = -1.5A
Gate-Source Charge
Qgs
-
0.8
-
nC
Gate-Drain Charge
Qgd
-
1.4
-
nC
Turn-On Delay Time
tD(on)
-
11.51
-
ns
VGEN = -4.5V, VDD = -10V,
RL = 10Ω, RG = 6Ω
Turn-On Rise Time
tr
-
12.09
-
ns
Turn-Off Delay Time
tD(off)
-
55.34
-
ns
Turn-Off Fall Time
tf
-
27.54
-
ns
Notes:
5.
Device mounted on FR-4 PCB, on minimum recommended, 2oz Copper pad layout.
6.
Repetitive rating, pulse width limited by junction temperature.
7.
Short duration pulse test used to minimize self-heating effect.
SMD Type
MOSFET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com