Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS5R-VB12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS5R-VB12
Description  Switching Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS5R-VB12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS5R-VB12 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS5R-VB12 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS5R-VB12 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS5R-VB12 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS5R-VB12 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS5R-VB12 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS5R-VB12 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
SPECIFICATIONS
Model
5V DC output
PS5R-VB05
-
-
-
12V DC output
PS5R-VB12
PS5R-VC12
-
-
24V DC output
PS5R-VB24
PS5R-VC24
PS5R-VD24
PS5R-VF24
Output Capacity
15W (5V Model is 10W)
30W
60W
120W
Rated Input Voltage
(Single-phase two-wire)*1
100 to 240V AC
(Voltage range: 85 to 264V AC/100 to 370V DC) (Load ≤ 80% at 100-105V DC)
Frequency
50/60 Hz
Input Current (Typ.)
100V AC
5V:
0.25A
12V, 24V: 0.35A
0.7A
1.3A
1.4A
230V AC
5V:
0.14A
12V, 24V: 0.19A
0.3A
0.8A
0.7A
Inrush Current (Typ.)
100V AC
18A (Ta = 25°C, cold start)
230V AC
45A (Ta = 25°C, cold start)
Leakage Current
120V AC
0.5mA max.
230V AC
1.0mA max.
Efficiency (Typ.)
(at rated output)*2
100V AC
5V: 77%, 12V: 82%, 24V: 84%
12V: 83%, 24V: 85%
86%
88%
230V AC
5V: 73%, 12V: 80%, 24V: 81%
12V: 85%, 24V: 87%
86%
89%
Power Factor (Typ.)
100V AC
—
—
—
0.99
230V AC
—
—
—
0.92
Rated Voltage/Current
5V/2.0A*3, 12V/1.3A, 24V/0.65A 12V/2.5A, 24V/1.3A
24V/2.5A
24V/5A
Adjustable Voltage Range
±10%
Output Holding Time
(Typ.)
(at rated output)
100V AC
5V: 53ms, 12V: 34ms, 24V: 36ms
12V: 13ms, 24V: 15ms
13ms
30ms
230V AC
5V: 330ms
12V: 215ms
24V: 230ms
12V: 110ms
24V: 110ms
105ms
33ms
Start Time (at rated input and output)
500ms max.
600 ms max.
800 ms max.
700 ms max.
Rise Time (at rated input and output)
5V, 12V: 200ms max.
24V:
250ms max.
200ms max.
Input Fluctuation
0.4% max.
Load Fluctuation
5V:
2.5% max.
12V, 24V: 1.0% max.
1.0% max.
Temperature Change
0.05%/oC max. (-10 to +65oC )
12V: 0.05%/oC max. (-10 to +50oC)
24V: 0.05%/oC max. (-10 to +55oC) 0.05%/oC max. (-10 to +55oC )
0.05%/oC max. (-25 to +55oC )
Ripple
(including noise)
5V: 8% p-p max. (-25 to -10oC)
12V: 6% p-p max. (-25 to -10oC)
24V: 4% p-p max. (-25 to -10oC)
12V: 6% p-p max. (-25 to -10oC)
24V: 4% p-p max. (-25 to -10oC)
4% p-p max. (-25 to -10oC)
4% p-p max. (-25 to -10oC)
5V: 5% p-p max. (-10 to +0oC)
12V: 2.5% p-p max. (-10 to +0oC)
24V: 1.5% p-p max. (-10 to +0oC)
12V: 2.5% p-p max. (-10 to +0oC)
24V: 1.5% p-p max. (-10 to +0oC) 1.5% p-p max. (-10 to +0oC)
1.5% p-p max. (-10 to +0oC)
5V: 2.5% p-p max. (0 to +65oC)
12V: 1.5% p-p max. (0 to +65oC)
24V: 1% p-p max. (0 to +65oC)
12V: 1.5% p-p max. (0 to +50oC)
24V: 1% p-p max. (0 to +55oC)
1% p-p max. (0 to +55oC)
1% p-p max. (0 to +55oC)
Overcurrent Protection
105% min. (auto reset)
Operation Indicator
LED (green)
Dielectric Strength
Between input and output terminals: 3,000V AC, 1 minute
Between input and ground terminals: 2,000V AC, 1 minute
Between output and ground terminals: 500V AC, 1 minute
Insulation Resistance
Between input and output terminals: 100MΩ min. (500V DC megger)
Between input and ground terminals:100MΩ min. (500V DC megger)
Operating Temperature*4
–25 to +75°C
–25 to +70°C
–25 to +65°C
Operating Humidity
20 to 90% RH (no condensation)
Storage Temperature
–25 to +75°C
Storage Humidity
20 to 90% RH (no condensation)
Vibration Resistance
10 to 55Hz, amplitude 0.375mm, 2 hours each in 3 axes
(when used with BNL6 end clips)
10 to 55Hz, amplitude 0.33mm, 2 hours each
in 3 axes
(when used with BNL6 end clips)
10 to 55Hz, amplitude 0.375mm, 2 hours
each in 3 axes (when used with BNL8 end
clips)
10 to 55Hz, amplitude 0.21mm, 2 hours each in 3
axes
(when used with BNL6 end clips)
10 to 55Hz, amplitude 0.375mm, 2 hours each in 3
axes (when used with BNL8 end clips)
Shock Resistance
300 m/s2 (30G), 3 times each in 6 directions
Expected Life*5
8 years minimum (at the rated input, 50% load, operating temperature +40°C, standard mounting direction)
EMC
EMI
EN61204-3 (Class B)
EMS
EN61204-3 (industrial)
Safety Standards
UL508 (Listing), UL1310 Class 2
ANSI/ISA-12.12.01
CSA C22.2 No. 107.1, 213, 223
EN60950-1, EN50178
UL508 (Listing)
ANSI/ISA-12.12.01
CSA C22.2 No. 107.1, 213
EN60950-1, EN50178
Other Standard
SEMI F47 (at 208V AC input only)
Degree of Protection
IP20 (EN60529)
Dimensions (mm)
90H × 22.5W × 95D
95H × 36W × 108D
115H × 46W × 121D
Weight (approx.)
140g
150g
260g
470g
Terminal Screw
M3.5
At normal temperature and humidity unless otherwise specified.
*1: DC input voltage is not subject to safety standards. When using on DC input, connect a fuse to the input terminal for DC input protection.
*2: Under stable state.
*3: PS5R-VB05 (5V DC/2.0A) is 10W (Up to 3.0A at Ta = 0 to 40°C. Not subject to safety standards over 2.0A and over.)
*4: See the output derating curves on page 3.
*5: Calculation of the expected life is based on the actual life of the aluminum electrolytic capacitor. The expected life depends on operating conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com