Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS5R-VC12 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PS5R-VC12
Description  Switching Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS5R-VC12 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PS5R-VC12 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS5R-VC12 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS5R-VC12 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS5R-VC12 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS5R-VC12 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS5R-VC12 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS5R-VC12 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
DIMENSIONS (mm)
PS5R-VB/VC
3.8
95
9.5
22.5
5-M3.5
Screw Terminal
5-M3.5
Screw
Terminal
5-M3.5
Screw Terminal
108
3.8
36
20
10 10
3.8
121
46
23
11.5 11.5
12
24.7
62.9
44
2-M4 or 2-M4.5 holes
2-M4 or 2-M4.5 holes
26
38
2-M4 or 2-ø4.5 holes
36
48
2-M4 or 2-ø4.5 holes
PS5R-VD
3.8
95
9.5
22.5
5-M3.5
Screw Terminal
5-M3.5
Screw
Terminal
5-M3.5
Screw Terminal
108
3.8
36
20
10 10
3.8
121
46
23
11.5 11.5
12
24.7
62.9
44
2-M4 or 2-M4.5 holes
2-M4 or 2-M4.5 holes
26
38
2-M4 or 2-ø4.5 holes
36
48
2-M4 or 2-ø4.5 holes
PS5R-VF
3.8
95
9.5
22.5
5-M3.5
Screw Terminal
5-M3.5
Screw
Terminal
5-M3.5
Screw Terminal
108
3.8
36
20
10 10
3.8
121
46
23
11.5 11.5
12
24.7
62.9
44
2-M4 or 2-M4.5 holes
2-M4 or 2-M4.5 holes
26
38
2-M4 or 2-ø4.5 holes
36
48
2-M4 or 2-ø4.5 holes
ACCESSORY PART NUMBERS
Panel Mounting Bracket*2
Applicable Switching
Power Supply
Part Number
Remarks
PS5R-VB
PS5R-VC
PS9Z-5R1B
—
PS9Z-5R2B
For side mounting
PS5R-VD
PS9Z-5R1C
—
PS5R-VF
PS9Z-5R1E
—
*2: Used when installing on a panel directly.
DIN Rail (35mm-wide)
Length
Part Number
Material
1000mm
BNDN1000
Aluminum
End Clip
Part Number
BNL6
BNL8
PS9Z-5R1B
Panel Mounting Bracket
3.8
95
9.5
22.5
5-M3.5
Screw Terminal
5-M3.5
Screw
Terminal
5-M3.5
Screw Terminal
108
3.8
36
20
10 10
3.8
121
46
23
11.5 11.5
12
24.7
62.9
44
2-M4 or 2-M4.5 holes
2-M4 or 2-M4.5 holes
26
38
2-M4 or 2-ø4.5 holes
36
48
2-M4 or 2-ø4.5 holes
PS9Z-5R2B
Side-mount - Panel Mounting
Bracket
3.8
95
9.5
22.5
5-M3.5
Screw Terminal
5-M3.5
Screw
Terminal
5-M3.5
Screw Terminal
108
3.8
36
20
10 10
3.8
121
46
23
11.5 11.5
12
24.7
62.9
44
2-M4 or 2-M4.5 holes
2-M4 or 2-M4.5 holes
26
38
2-M4 or 2-ø4.5 holes
36
48
2-M4 or 2-ø4.5 holes
PS9Z-5R1C Panel Mounting
Bracket
3.8
95
9.5
22.5
5-M3.5
Screw Terminal
5-M3.5
Screw
Terminal
5-M3.5
Screw Terminal
108
3.8
36
20
10 10
3.8
121
46
23
11.5 11.5
12
24.7
62.9
44
2-M4 or 2-M4.5 holes
2-M4 or 2-M4.5 holes
26
38
2-M4 or 2-ø4.5 holes
36
48
2-M4 or 2-ø4.5 holes
PS9Z-5R1E Panel Mounting
Bracket
3.8
95
9.5
22.5
5-M3.5
Screw Terminal
5-M3.5
Screw
Terminal
5-M3.5
Screw Terminal
108
3.8
36
20
10 10
3.8
121
46
23
11.5 11.5
12
24.7
62.9
44
2-M4 or 2-M4.5 holes
2-M4 or 2-M4.5 holes
26
38
2-M4 or 2-ø4.5 holes
36
48
2-M4 or 2-ø4.5 holes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com