Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10-R01126PA008SC-M627F40 Datasheet(PDF) 8 Page - Vincotech

Part # 10-R01126PA008SC-M627F40
Description  Clip-in PCB mounting (optional)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-R01126PA008SC-M627F40 Datasheet(HTML) 8 Page - Vincotech

Back Button 10-R01126PA008SC-M627F40 Datasheet HTML 4Page - Vincotech 10-R01126PA008SC-M627F40 Datasheet HTML 5Page - Vincotech 10-R01126PA008SC-M627F40 Datasheet HTML 6Page - Vincotech 10-R01126PA008SC-M627F40 Datasheet HTML 7Page - Vincotech 10-R01126PA008SC-M627F40 Datasheet HTML 8Page - Vincotech 10-R01126PA008SC-M627F40 Datasheet HTML 9Page - Vincotech 10-R01126PA008SC-M627F40 Datasheet HTML 10Page - Vincotech 10-R01126PA008SC-M627F40 Datasheet HTML 11Page - Vincotech 10-R01126PA008SC-M627F40 Datasheet HTML 12Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
10-R01126PA008SC-M627F40
10-RZ1126PA008SC-M627F41
Figure 17
Output inverter FWD
Figure 18
Output inverter FWD
Typical rate of fall of forward
Typical rate of fall of forward
and reverse recovery current as a
and reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
dI0/dt,dIrec/dt = f(IC)
dI0/dt,dIrec/dt = f(Rgon)
At
At
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
600
V
VR =
600
V
VGE =
±15
V
IF =
8
A
Rgon =
32
VGE =
±15
V
Figure 19
Output inverter IGBT
Figure 20
Output inverter FWD
IGBT transient thermal impedance
FWD transient thermal impedance
as a function of pulse width
as a function of pulse width
ZthJH = f(tp)
ZthJH = f(tp)
At
At
D =
tp / T
D =
tp / T
RthJH =
1,85
K/W
RthJH =
2,18
K/W
RthJH =
1,95
K/W
RthJH =
2,30
K/W
IGBT thermal model values
FWD thermal model values
Phase change interface
Phase change interface
R (C/W)
Tau (s)
R (C/W)
Tau (s)
R (C/W)
Tau (s)
R (C/W)
Tau (s)
0,11
1,4E+00
0,13
1,4E+00
0,05
4,1E+00
0,06
4,1E+00
0,31
1,6E-01
0,36
1,6E-01
0,13
5,3E-01
0,15
5,3E-01
0,82
4,8E-02
0,96
4,8E-02
0,69
7,6E-02
0,81
7,6E-02
0,30
1,0E-02
0,35
1,0E-02
0,53
1,7E-02
0,62
1,7E-02
0,17
2,8E-03
0,20
2,8E-03
0,33
4,0E-03
0,39
4,0E-03
0,15
4,9E-04
0,18
4,9E-04
0,23
7,3E-04
0,27
7,3E-04
Output Inverter
Thermal grease
Thermal grease
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
110
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
110
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
dIrec/dt
0
500
1000
1500
2000
2500
3000
0
32
64
96
128
R gon ( Ω
Ω
Ω
Ω )
dI0/dt
0
80
160
240
320
400
0
3
6
9
12
15
I C (A)
dIrec/dt
dI0/dt
25/150
25/150
copyright Vincotech
8
Revision: 2
Copyright by Vincotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com