Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE6288R Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6288R
Description  Smart 6 Channel Peak&Hold Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288R Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6288R Datasheet HTML 3Page - Infineon Technologies AG TLE6288R Datasheet HTML 4Page - Infineon Technologies AG TLE6288R Datasheet HTML 5Page - Infineon Technologies AG TLE6288R Datasheet HTML 6Page - Infineon Technologies AG TLE6288R Datasheet HTML 7Page - Infineon Technologies AG TLE6288R Datasheet HTML 8Page - Infineon Technologies AG TLE6288R Datasheet HTML 9Page - Infineon Technologies AG TLE6288R Datasheet HTML 10Page - Infineon Technologies AG TLE6288R Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Preliminary Datasheet TLE6288 R
Vp2
Page 7
13.01.2003
3. Pin Configuration
Pin
Nr.
Name
Function
Pin Nr. Name
Function
1
SOUT4
Source Output CH 4 (high / low side)
19
SOUT3
Source Output CH 3 (high side)
2
DOUT4
Drain Output CH 4 (high / low side)
20
DOUT3
Drain Output CH 3(high side)
3
DOUT1
Drain Output CH 1(high side)
21
VCP
Charge Pump pin
4
SOUT1
Source Output CH 1 (high side)
22
FSIN
All Channels Enable / Disable
5
IN4
Control Input Channel 4
23
GND
Logic Ground
6
IN1
Control Input Channel 1
24
Fault
General Fault Flag
7
DIAG1
Diagnostic Output CH 1
25
IN3
Control Input Channel 3
8
DIAG2
Diagnostic Output CH 2
26
IN6
Control Input Channel 6
9
DIAG3
Diagnostic Output CH 3
27
Reset
Reset pin (+ Standby Mode)
10
DIAG4
Diagnostic Output CH 4
28
VCC
Logic Supply Voltage (5V)
11
DIAG5
Diagnostic Output CH 5
29
VDO
Supply Pin for digital outputs
12
DIAG6/Overtemp
Diagnostic Output CH 6 / Overtemp
30
SO
SPI Serial Data Output
13
IN2
Control Input Channel 2
31
CLKProg
Program pin of SPI Clock
14
IN5
Control Input Channel 5
32
SCLK
SPI Serial Clock
15
SOUT2
Source Output CH 2 (high side)
33
CS
SPI Chip Select
16
DOUT2
Drain Output CH 2(high side)
34
SI
SPI Serial Data Input
17
DOUT5
Drain Output CH 5 (high / low side)
35
DOUT6
Drain Output CH 6 (high / low side)
18
SOUT5
Source Output CH 5 (high / low side)
36
SOUT6
Source Output CH 6 (high / low side)
Package: Power-P-DSO-36
0.65mm Pitch
IN4
IN1
SOUT4
DOUT4
DOUT1
SOUT1
DIAG1
DIAG2
DIAG5
DIA6/Overtemp
SOUT2
DOUT2
DOUT5
SOUT5
IN2
IN5
Reset
IN6
SOUT6
DOUT6
SI
_CS
SCLK
CLK Prog
SO
VDO
VCC
GND
FSIN
VCP
DOUT3
SOUT3
IN3
Fault
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
27
26
25
24
23
22
21
20
19
36
35
34
33
32
31
30
29
28
TLE6288 R
(S0999)
DIAG3
DIAG4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com