Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT54BS16245 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # UT54BS16245
Description  UT54BS16245 16bit Bus Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54BS16245 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  UT54BS16245 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
OPERATIONAL ENVIROMENT
PARAMETER
LIMIT
UNITS
Total Ionizing Dose (TID)
3.0E5
rad(Si)
Single Event Latchup (SEL)
>100
MeV-cm2/mg
DC CHARACTERISTICS
*,1
(VDD= 5.0V ± 0.5V, 3.3V ± 0.3V, -55°C < TC < +125°C); Unless otherwise noted, Tc is per the
temperature range ordered
Symbol
Parameter
Condition
MIN
MAX
Unit
VIH
High level input voltage
VDD=3.6V, 5.5V
0.7*VDD
V
VIL
Low level input voltage
VDD=3.0V, 4.5V
0.3*VDD
V
IID
Leakage current digital
VDD= MAX;
VI = VDD or VSS
-1
1
µA
IIA
Leakage current analog
VDD= MAX;
VI = VDD or VSS
-3
3
µA
IDD
Active Supply Current
VDD=3.6V, 5.5V
0.5
mA/MHz
IDDQ
Quiescent Supply
Current
VDD= MAX;
IO = 0mA;
VI = VDD or VSS
15
µA
CI
Input Capacitance (/EN)
VI = VDD or VSS
5
pF
CIO(OFF)
I/O Capacitance when
device OFF
VDD = MAX
VO = VDD or VSS
VI = VDD/2
/EN = VDD
5
pF
CIO(ON)
I/O Capacitance when
device ON
VDD = MAX
VO = open
VI = VDD/2
/EN = 0V
16
pF
RONL
2,3
Resistance through
switch
VDD= 4.5V
VI = VSS
IO = 30mA
IO = 15mA
10
13
Ω
VDD= 3.0V
VI = VSS
IO = 30mA
IO = 15mA
10
13
Ω
RONM
2,3
Resistance through
switch
VDD=4.5V
VI = VDD/2
IO = -30mA
IO = -15mA
10
13
Ω
VDD=3.0V
VI = VDD/2
IO = -30mA
IO = -15mA
10
13
Ω
36-00-03-005
Ver. 1.0.0
4
Aeroflex Microelectronic Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com