Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT700E-SPC Datasheet(PDF) 22 Page - Aeroflex Circuit Technology

Part # UT700E-SPC
Description  UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT700E-SPC Datasheet(HTML) 22 Page - Aeroflex Circuit Technology

Back Button UT700E-SPC Datasheet HTML 18Page - Aeroflex Circuit Technology UT700E-SPC Datasheet HTML 19Page - Aeroflex Circuit Technology UT700E-SPC Datasheet HTML 20Page - Aeroflex Circuit Technology UT700E-SPC Datasheet HTML 21Page - Aeroflex Circuit Technology UT700E-SPC Datasheet HTML 22Page - Aeroflex Circuit Technology UT700E-SPC Datasheet HTML 23Page - Aeroflex Circuit Technology UT700E-SPC Datasheet HTML 24Page - Aeroflex Circuit Technology UT700E-SPC Datasheet HTML 25Page - Aeroflex Circuit Technology UT700E-SPC Datasheet HTML 26Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
22
36-00-00-000
Ver. 1.3.1
Aeroflex Microelectronics Solutions - HiRel
3.7 AC Electrical Characteristics for LVCMOS3 Inputs and Outputs (pre- and post-radiation)
(VDD = 3.3V + 0.3V; VDDC = 1.2V + 0.1V; TC = -55
oC to 105oC)
Notes:
1. Reference Figure 17 for test load.
Figure 2. System Clock and SDCLK Timing Diagram
Symbol
Description
Conditions
Min
Max
Units
fCLK
System clock frequency
--
166
MHz
tHIGH
System clock high time
2.4
--
ns
tLOW
System clock low time
2.4
--
ns
tDSD
1
System clock to SDRAM clock propagation
delay
2.0
6.0
ns
tDSD
tDSD
tDSD
tDSD
1/f
ttLOW
t
1/fCLK
tHIGH
SYSCLK
SDCLK
SDCLK
(SYSCLK / 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com