Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT54ACS190 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACS190
Description  Synchronous 4-Bit Up-Down BCD Counters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS190 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACS190 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS190 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS190 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS190 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS190 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS190 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS190 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS190 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS190 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS190/UT54ACTS190
Synchronous 4-Bit Up-Down BCD Counters
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
Single down/up count control line
Look-ahead circuitry enhances speed of cascaded counters
Fully synchronous in count modes
Asynchronously presettable with load control
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 16-pin DIP
- 16-lead flatpack
UT54ACS190 - SMD 5962-96562
UT54ACTS190 - SMD 5962-96563
DESCRIPTION
The UT54ACS190 and the UT54ACTS190 are synchronous 4-
bit reversible up-down BCD decade counters. Synchronous
counting operation is provided by having all flip-flops clocked
simultaneously so that the outputs change coincident with each
other when so instructed. Synchronous operation eliminates the
output counting spikes associated with asynchronous counters.
The outputs of the four flip-flops are triggered on a low-to-high-
level transition of the clock input if the enable input (CTEN) is
low. A logic one applied to CTEN inhibits counting. The di-
rection of the count is determined by the level of the down/up
(D/U) input. When D/U is low, the counter counts up and when
D/U is high, it counts down.
The counters feature a fully independent clock circuit. Changes
at control inputs (CTEN and D/U) that will modify the operating
mode have no effect on the contents of the counter until clocking
occurs.
The counters are fully programmable. The outputs may be preset
to either logic level by placing a low on the load input and en-
tering the desired data at the data inputs. The output will change
to agree with the data inputs independently of the level of the
clock input. The asynchronous load allows counters to be used
as modulo-N dividers by simply modifying the count length with
the preset inputs.
If preset to an illegal state, the counter returns to a normal se-
quence in one or two counts.
PINOUTS
16-Pin DIP
Top View
16-Lead Flatpack
Top View
Two outputs have been made available to perform the cascading
function: ripple clock and maximum/minimum (MAX/MIN)
count. The MAX/MIN output produces a high-level output
pulse with a duration approximately equal to one complete cycle
of the clock while the count is zero (all outputs low) counting
down or maximum (9) counting up.
The ripple clock output (RCO) produces a low-level output pulse
under those same conditions but only while the clock input is
low. The counters easily cascade by feeding the RCO to the
enable input of the succeeding counter if parallel clocking is
used, or to the clock input if parallel enabling is used. Use the
MAX/MIN count output to accomplish look-ahead for high-
speed operation.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
1
2
3
4
5
7
6
16
15
14
13
12
10
11
B
QB
QA
CTEN
D/U
QC
QD
VDD
A
CLK
RCO
MAX/MIN
C
8
9
VSS
D
LOAD
1
2
3
4
5
7
6
16
15
14
13
12
10
11
VDD
89
B
QB
QA
CTEN
D/U
QC
QD
A
CLK
RCO
MAX/MIN
LOAD
C
VSS
D


Similar Part No. - UT54ACS190

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
Synchronous 4-Bit Up-Down Binary Counters
UT54ACS191E AEROFLEX-UT54ACS191E Datasheet
157Kb / 12P
Synchronous 4-Bit Up-Down Binary Counters
UT54ACS193 AEROFLEX-UT54ACS193 Datasheet
260Kb / 10P
Synchronous 4-Bit Up-Down Dual Clock Counters
UT54ACS193E AEROFLEX-UT54ACS193E Datasheet
172Kb / 11P
Synchronous 4-Bit Up-Down Dual Clock Counter
More results

Similar Description - UT54ACS190

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
STMicroelectronics
M54HC190 STMICROELECTRONICS-M54HC190 Datasheet
299Kb / 14P
4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Oct-1992
logo
Texas Instruments
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B_99 Datasheet
421Kb / 12P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190_01 Datasheet
555Kb / 14P
4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Aug-2001
M74HC191 STMICROELECTRONICS-M74HC191_01 Datasheet
566Kb / 14P
4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Aug-2001
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com