Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT8SF2M32MZFA Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # UT8SF2M32MZFA
Description  UT8SF2M32 64Megabit Flow-thru SSRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M32MZFA Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button UT8SF2M32MZFA Datasheet HTML 6Page - Aeroflex Circuit Technology UT8SF2M32MZFA Datasheet HTML 7Page - Aeroflex Circuit Technology UT8SF2M32MZFA Datasheet HTML 8Page - Aeroflex Circuit Technology UT8SF2M32MZFA Datasheet HTML 9Page - Aeroflex Circuit Technology UT8SF2M32MZFA Datasheet HTML 10Page - Aeroflex Circuit Technology UT8SF2M32MZFA Datasheet HTML 11Page - Aeroflex Circuit Technology UT8SF2M32MZFA Datasheet HTML 12Page - Aeroflex Circuit Technology UT8SF2M32MZFA Datasheet HTML 13Page - Aeroflex Circuit Technology UT8SF2M32MZFA Datasheet HTML 14Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
36-00-01-006
Ver.
1.9.4
Aeroflex Microelectronics Solutions - HiRel
Notes:
1. Pin requires pull-up to VDDQ of >10kΩ±10%.
2. Pin requires pull-down to VSS of >10kΩ±10%.
3. NUIL = Not used Input Low. NUIL pins requires >10kΩ±10% pull-down to VSSQ.
4. NUIH = Not Used Input High. NUIH pins requires >10k
Ω +10% pull-up to VDDQ.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A
VDDQ
CS2
WE
VSS
A10
A8
A4
A18
A19
A14
A15
A2
A0
CS0
VSS
VSS
B
VSS
VSS
OE
VSS
A11
A9
A6
A17
VSS
A20
A16
A13
A12
A1
ZZ
VSS
SHUT
DOWN
VSS
C VDDQ VSSQ
VSS
READY
FLSH_
PIPE
VSS
A7
A5
VSS
VDD
VSS
VSSQ
VDD
VDD
A3
ADV_LD
CS1
VSS
VSSQ
VDD
D DQ33
DQ35
VDD
VSS
VSS
VDDQ
VSSQ
VDD
VDD
VSS
VDD
VDD
VSSQ
VDDQ
VDD
VSS
VSS
VDD
VDDQ
DQ32
E DQ37
DQ1
DQ39
VDD
VSSQ
VSS
VSSQ
VDDQ
VSS
VSS
VSS
VSSQ
VDDQ
VSS
VSS
VSSQ
VDD
DQ38
DQ36
DQ34
F
DQ3
DQ5
DQ7
VDDQ
VDDQ
VSSQ
VSS
VSS
VDD
VSS
VDD
VSS
VSS
VDDQ
VSSQ
VDDQ
VDDQ
DQ4
DQ0
DQ2
G
DQ9
DQ11
DQ13
VDD
VSSQ
VDD
VDDQ
VDD
VSS
VDD
VSS
VDD
VDDQ
VSSQ
VDD
VSSQ
VDD
DQ10
DQ6
DQ8
H MBE1 DQ15
CEN
VSS
VSS
VDD
VDD
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VSS
VSS
VSS
CLK
DQ12
MBE0
J
DQ19
DQ17
DQ21
VDD
VSSQ
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VSSQ
VDD
VSSQ
VDD
DQ14
DQ16
DQ18
K DQ27
DQ25
DQ23
VDDQ
VDDQ
VSSQ
VSS
VDDQ
VDD
VSS
VDD
VDDQ
VSS
VDDQ
VSSQ
VDDQ
VDDQ
DQ20
DQ24
DQ22
L DQ31
DQ41
DQ29
VDD
VSSQ
VSS
VSSQ
VDDQ
VSS
VSS
VSS
VSSQ
VDDQ
VSS
VSS
VSSQ
VDD
DQ26
DQ30
DQ28
M DQ45
DQ47
DQ43
VDD
VSS
VSSQ
VDDQ
VSSQ
VDD
VSS
VDD
VDD
VSSQ
VDDQ
VSSQ
VSS
VDD
DQ40
DQ44
DQ42
N DQ51
DQ49
VSS
VSS
VDD
VDDQ
VSSQ
VDD
VSS
VDD
VSS
VSS
VDD
VSSQ
VSSQ
VDD
VSS
DQ46
DQ48
DQ50
P
VSS
VSS
VDD
SCRUB
EN
VSSQ
VSSQ
VSSQ
VSS
VSS
VDDQ
MODE
NUIL3
EDACEN
TMS
NUIH4
VSSQ
VSS
VSS
R
VDD
TDI
TDO1
VDD
NUIL3 NUIL3 TCK2 MBEC
RESET
NUIL3
NUIL3
NUIL3
EXTRES
NUIL3
VDDQ
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com