Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT8SF2M32MCFA Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # UT8SF2M32MCFA
Description  UT8SF2M32 64Megabit Flow-thru SSRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M32MCFA Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  UT8SF2M32MCFA Datasheet HTML 1Page - Aeroflex Circuit Technology UT8SF2M32MCFA Datasheet HTML 2Page - Aeroflex Circuit Technology UT8SF2M32MCFA Datasheet HTML 3Page - Aeroflex Circuit Technology UT8SF2M32MCFA Datasheet HTML 4Page - Aeroflex Circuit Technology UT8SF2M32MCFA Datasheet HTML 5Page - Aeroflex Circuit Technology UT8SF2M32MCFA Datasheet HTML 6Page - Aeroflex Circuit Technology UT8SF2M32MCFA Datasheet HTML 7Page - Aeroflex Circuit Technology UT8SF2M32MCFA Datasheet HTML 8Page - Aeroflex Circuit Technology UT8SF2M32MCFA Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
36-00-01-006
Ver.
1.9.4
Aeroflex Microelectronics Solutions - HiRel
Table 1: Pin Definitions
NAME
DESCRIPTION
TYPE
CS0
Chip Enable 0, Input, Active LOW: Sampled on the rising edge of CLK.
Used in conjunction with CS1 and CS2 to select or deselect the device.
Input-Synchronous
CS1
Chip Enable 1 Input, Active HIGH: Sampled on the rising edge of CLK.
Used in conjunction with CS0 and CS2 to select or deselect the device.
Input-Synchronous
CS2
Chip Enable 2 Input, Active LOW: Sampled on the rising edge of CLK.
Used in conjunction with CS0 and CS1 to select or deselect the device.
Input-Synchronous
A[20:0]
Address Inputs: Sampled at the rising edge of the CLK. A[1:0] is fed to the
two-bit burst counter.
Input-Synchronous
FLSH_PIPE
Flush Pipeline Input, Active HIGH: Qualified with WE to conduct dummy
writes to flush pipeline. Must be LOW during normal write operation.
Input-Synchronous
WE
Write Enable Input, Active LOW: Sampled on the rising edge of CLK if
CEN is active LOW. This signal must be enabled LOW to initiate a write
sequence.
Input-Synchronous
ADV_LD
Advance/Load Input: Advances the on-chip address counter or loads a new
address. When HIGH (and CEN is enabled LOW) the internal burst counter
is advanced. When LOW, a new address can be loaded into the device for an
access. After deselection, drive ADV_LD LOW to load a new address.
Input-Synchronous
CLK
Clock Input: Used to capture all synchronous inputs to the device. CLK is
qualified with CEN. CLK is only recognized if CEN is active LOW.
Input-Clock
OE
Output Enable, Asynchronous Input, Active LOW: Combined with the
synchronous logic block inside the device to control the direction of the I/O
pins. When LOW, the I/O pins are enabled to behave as outputs. When
disabled HIGH, I/O pins are tri-stated, and act as input data pins. OE is
masked during the data portion of a write sequence, during the first clock
when emerging from a deselected state and when the device is deselected.
Input-Asynchronous
CEN
Clock Enable Input, Active LOW: When enabled LOW, the clock signal is
recognized by the SSRAM. When deasserted HIGH, the clock signal is
masked. Because deasserting CEN does not deselect the device, CEN can be
used to extend the previous cycle when required.
Input-Synchronous
DQ[51:0]1
Bidirectional Data I/Os: As inputs, DQ[51:0] feed into an on-chip data
register that is triggered by the rising edge of CLK. As outputs, DQ[51:0]
delivers the data contained in the memory location specified by the addresses
presented during the previous clock rise of the read cycle. The direction of
the pins is controlled by OE. When OE is enabled LOW, the pins behave as
outputs. When HIGH, DQs are placed in a tri-state condition.The outputs are
automatically tri-stated during the data portion of a write sequence, during
the first clock when emerging from a deselected state, and when the device is
deselected, regardless of the state of OE. Aeroflex recommends connecting
all DQ pins to either VDDQ or VSS through a >10kΩ resistor.
I/O-Synchronous
RESET
Reset Input, Active Low: Resets device to known configuration. Reset is
required at initial power-up after exiting shutdown mode, or after any power
interruption.
Input-Asynchronous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com