| Electronic Components Datasheet Search |
|
UT8SF2M32MSPA Datasheet(PDF) 7 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT8SF2M32MSPA Datasheet(HTML) 7 Page - Aeroflex Circuit Technology |
|
7 / 27 page ![]() 7 36-00-01-006 Ver. 1.9.4 Aeroflex Microelectronics Solutions - HiRel To avoid bus contention data should not be driven to DQs when outputs are active. The Output Enable (OE) may be disabled HIGH before applying data to the DQ lines. This will tri-state the DQ output drivers. As an additional feature DQ lines are automatically tri-stated during the data portion of a Write cycle, regardless of the state of OE. Burst Write Accesses The UT8SF2M32 has an internal burst counter allowing up to four writes to be performed from a single address input. A new address can only be loaded when ADV_LD is driven LOW. New addresses are loaded into the SSRAM, as described the Single Write Access section. When ADV_LD is driven HIGH where CEN is LOW on the subsequent clock rise, the Chip Enables (CS0, CS1, CS2) and WE inputs are ignored and the burst counter is incremented. The FLSH_PIPE input must be LOW in each cycle of the burst write in order to write the correct data. READY Status The UT8SF2M32 device operates as a Synchronous SRAM device. Data integrity housekeeping activities are performed in the background during normal user activity. These housekeeping activities are performed on a regular basis. However, when a housekeeping activity sequence cannot be completed due to user conflict for memory space, the READY pin asserts signifying to the user that an idle cycle is required. Please reference applications note AN-MEM-004 for more information. Data Scrubbing The UT8SF2M32 device employs internal autonomous data scrubbing. The scrub circuit cycles through all address spaces typically once every 0.5 seconds. Scrub cycles occur anytime power is applied provided SCRUBEN is HIGH. When the EDAC circuit is disabled via EDACEN input LOW, DQ[51:32] pins are available for read and write accesses. However if the SCRUBEN is not also disabled, data written to DQ[51:32] could be changed by the internal data scrubbing activity. FLSH_PIPE The write operation consists of two register stages. Writing data to the core memory requires three subsequent write operations. Dummy write operations can be performed using the FLSH_PIPE inputs. Because data coherency is always maintained and the SEU error rate includes the pipeline registers, flushing the pipeline is not necessary. Sleep Mode The ZZ input lead is a synchronous input. Asserting the ZZ pin HIGH places the SSRAM into a power conservative "sleep" mode. To assure the completion of previous commands through the pipeline prior to entering sleep mode, a minimum of two full clock cycles (tZZS) are required between the last operation command and asserting the ZZ input. While in sleep mode, data integrity is guaranteed. Changing the input clock frequency or halting the input clock may be executed during sleep mode. The device must be deselected prior to entering sleep mode and remain deselected for the duration of tZZREC after the ZZ input returns LOW. Shutdown Mode The SHUTDOWN input pin is an asynchronous input. Asserting SHUTDOWN places the device in a power saving shutdown mode. The system clock can be stopped. Memory contents are not maintained in shutdown mode. The SSRAM requires a reset upon exiting shutdown mode. Table 2. Linear Burst Address Table (MODE= VSS) Starting Address Second Address Third Address Fourth Address A1, A0 A1, A0 A1, A0 A1, A0 00 01 10 11 01 10 11 00 10 11 00 01 11 00 01 10 Table 3. Interleaved Burst Address Table (MODE=VDDQ) Starting Address Second Address Third Address Fourth Address A1, A0 A1, A0 A1, A0 A1, A0 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |