Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT54ACTS245E Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # UT54ACTS245E
Description  Octal Bus Transceiver with Three-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS245E Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  UT54ACTS245E Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
DC ELECTRICAL CHARACTERISTICS FOR THE UT54ACTS245E7
( VDD = 3.0V to 5.5V; VSS = 0V
6; -55
C < T
C < +125C)
SYMBOL
DESCRIPTION
CONDITION
MIN
MAX
UNIT
VIL1
Low-level input voltage 1
VDD from 4.5V to 5.5V
0.8
V
VIL2
Low-level input voltage 1
VDD from 3.0V to 3.6V
0.8
V
VIH1
High-level input voltage 1
VDD from 4.5V to 5.5V
0.5 VDD
V
VIH2
High-level input voltage 1
VDD from 3.0V to 3.6V
2.0
V
IIN
Input leakage current
VIN = VDD or VSS
-1
1
A
VOL1
Low-level output voltage 3
IOL = 12mA
VDD = 4.5V to 5.5V
0.4
V
VOL2
Low-level output voltage 3
IOL = 8mA
VDD = 3.0V to 3.6V
0.4
V
VOH1
High-level output voltage 3
IOH = -12mA
VDD from 4.5V to 5.5V
0.7 VDD
V
VOH2
High-level output voltage 3
IOH = -8mA
VDD from 3.0V to 3.6V
2.4
V
IOS1
Short-circuit output current 2 ,4
VO = VDD and VSS
VDD from 4.5V to 5.5V
-300
300
mA
IOS2
Short-circuit output current 2 ,4
VO = VDD and VSS
VDD from 3.0V to 3.6V
-200
200
mA
IOL1
Low level output current 9
VIN = VDD or VSS
VOL = 0.4V
VDD from 4.5V to 5.5V
12
mA
IOL2
Low level output current 9
VIN = VDD or VSS
VOL = 0.4V
VDD from 3.0V to 3.6V
8
mA
IOH1
High level output current 9
VIN = VDD or VSS
VOH = VDD-0.4V
VDD from 4.5V to 5.5V
-12
mA
IOH2
High level output current 9
VIN = VDD or VSS
VOH = VDD-0.4V
VDD from 3.0V to 3.6V
-8
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com