Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2600SC Datasheet(PDF) 2 Page - Teccor Electronics

Part # P2600SC
Description  SIDACtor Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2600SC Datasheet(HTML) 2 Page - Teccor Electronics

  P2600SC Datasheet HTML 1Page - Teccor Electronics P2600SC Datasheet HTML 2Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIDACtor Device
© 2002 Teccor Electronics
2 - 5
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Thermal Considerations
Package
Symbol
Parameter
Value
Unit
DO-214AA
TJ
Operating Junction Temperature Range
-40 to +150
°C
TS
Storage Temperature Range
-65 to +150
°C
RqJA
Thermal Resistance: Junction to Ambient
90
°C/W
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
V-I Characteristics
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (µs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
tr x td Pulse Wave-form
-8
-40 -20
0
20
40 60
80 100 120 140 160
-6
-4
0
2
4
6
8
10
12
14
Junction Temperature (T
J) – °C
25 °C
Normalized VS Change versus Junction Temperature
0.4
-40 -20
0
20 40 60 80 100 120 140 160
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Case Temperature (T
C) – °C
25 °C
Normalized DC Holding Current versus Case Temperature



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com