Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT01VS33L-XPC Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # UT01VS33L-XPC
Description  UT01VS33L Voltage Supervisor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT01VS33L-XPC Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  UT01VS33L-XPC Datasheet HTML 1Page - Aeroflex Circuit Technology UT01VS33L-XPC Datasheet HTML 2Page - Aeroflex Circuit Technology UT01VS33L-XPC Datasheet HTML 3Page - Aeroflex Circuit Technology UT01VS33L-XPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT01VS33L-XPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT01VS33L-XPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT01VS33L-XPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT01VS33L-XPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT01VS33L-XPC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Number
Pins
Type
Description
8WDO
Digital Output
Watchdog output. Active low push-pull output driver. This pin is usually connected
to a non-maskable interrupt input of a microprocessor. On power up, WDO responds
to VDD monitoring circuitry. It stays low until the reset threshold, 3.08V nominally,
is reached. At that point, WDO is raised high. The internal watchdog timer is activated
after RESET is released. If there is no activity on WDI input, WDO goes low after
the watchdog timer times out, which is typically after 1.6sec. Any activity on WDI
will force WDO output to go high and the watchdog timer will be activated. If WDI
is floating or connected to a high impedance buffer output, the timer is kept in a reset
state and WDO stays high. When VDD drops below 3.08V, WDO goes low regardless
of whether the watchdog timer has timed out or not. RESET goes low simultaneously
which prevents an interrupt.
If WDI input is left unconnected, WDO can be used as a low line output. Since a
floating WDI disables the internal watchdog timer, WDO goes low when VDD drops
below 3.08V, thus, functioning as a low line output. (Figure 4.)
Figure 2. UT01VS33L Pin Configuration
MR
VDD
GND
PFI
WDO
RESET
WDI
PFO
1
2
3
4
8
7
6
5
UT01VS33L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com