Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S3C4530A Datasheet(PDF) 13 Page - Samsung semiconductor

Part # S3C4530A
Description  16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C4530A Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button S3C4530A Datasheet HTML 9Page - Samsung semiconductor S3C4530A Datasheet HTML 10Page - Samsung semiconductor S3C4530A Datasheet HTML 11Page - Samsung semiconductor S3C4530A Datasheet HTML 12Page - Samsung semiconductor S3C4530A Datasheet HTML 13Page - Samsung semiconductor S3C4530A Datasheet HTML 14Page - Samsung semiconductor S3C4530A Datasheet HTML 15Page - Samsung semiconductor S3C4530A Datasheet HTML 16Page - Samsung semiconductor S3C4530A Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 432 page
background image
S3C4530A
PRODUCT OVERVIEW
1-13
Table 1-1. S3C4530A Signal Descriptions (Continued)
Signal
Pin No.
Type
Description
P[1:0]
179, 176
I/O
General I/O ports. See the I/O ports, chapter 12.
XINTREQ[3:0]
P[11:8]
191 - 189,
186
I/O
External interrupt request lines or general I/O ports.
See the I/O ports, chapter 12.
nXDREQ[1:0]/
P[13:12]
193, 192
I/O
Not External DMA requests for GDMA or general I/O ports.
See the I/O ports, chapter 12.
nXDACK[1:0]
P[15:14]
195, 194
I/O
Not External DMA acknowledge from GDMA or general I/O ports.
See the I/O ports, chapter 12.
TOUT0/P[16]
196
I/O
Timer 0 out or general I/O port. See the I/O ports, chapter 12.
TOUT1/P[17]
199
I/O
Timer 1 out or general I/O port. See the I/O ports, chapter 12.
SCL
200
I/O
I2C serial clock.
SDA
201
I/O
I2C serial data.
VDDP
1, 21, 41,
56, 78, 92,
105, 118,
130, 155,
167, 177,
197
Power
I/O pad power
VDDI
11, 31, 51,
65, 103,
142, 157,
187, 207
Power
Internal core power
VSSP
2, 22, 42,
57, 79, 81,
93, 106,
119, 131,
156, 168,
178, 198
GND
I/O pad ground
VSSI
12, 32, 52,
66, 104,
143, 158,
188, 208
GND
Internal core ground
VDDA
53
Power
Analog power for PLL
VSSA/VBBA
54
GND
Analog/Bulk ground for PLL
NOTE: SDRAM or EDO/normal DRAM interface signal pins are shared functions. It
′s functions will be configured by
SYSCFG[31].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com