Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC10L-60-1A-9-NIL-NIL-R-X Datasheet(PDF) 2 Page - Picker Components

Part # PC10L-60-1A-9-NIL-NIL-R-X
Description  60 Amp Latching PCB Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC10L-60-1A-9-NIL-NIL-R-X Datasheet(HTML) 2 Page - Picker Components

  PC10L-60-1A-9-NIL-NIL-R-X Datasheet HTML 1Page - Picker Components PC10L-60-1A-9-NIL-NIL-R-X Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC10L–60 2/08/2016
2 of 2
PC10L-60
PC10L-60
COIL DATA
Coil Voltage
Coil Power
Must Operate
Voltage Max
(VDC)
Resistance (Ohms ± 10%)
Rated
Maximum
Single Coil 1.5 Watts Dual Coil 2 x 3.0 Watts
6
7
24
12 + 12
4.8
9
10.6
54
27 + 27
7.2
12
14.4
96
48 + 48
9.6
24
28.8
384
192 + 192
19.2
48
56
1,536
768 + 768
38.4
DIMENSIONS (inches/mm)
Side View of Relay
Wire Diagrams
1A
1A Reverse
1A Dual
1A Dual Re-
Pulse Magnitude ≥ 50 ms;
NOTES:
With the Dual Coil Version, the Latch and Reset Coils should not be pulsed at the same time for it is possible to set the relay into a magnetically neutral position.
Coils should not be pulsed with less than the rated coil voltage and the pulse width should be a minimum of three times the specified operate time. If not, it is
possible for the relay to settle in a magnetically neutral position.
Bottom View of Relay
PC Board Layout Top View
Top View of Relay



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com