Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDA9400 Datasheet(PDF) 21 Page - Micronas

Part # SDA9400
Description  Scan Rate Converter using Embedded DRAM Technology Units
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

SDA9400 Datasheet(HTML) 21 Page - Micronas

Back Button SDA9400 Datasheet HTML 17Page - Micronas SDA9400 Datasheet HTML 18Page - Micronas SDA9400 Datasheet HTML 19Page - Micronas SDA9400 Datasheet HTML 20Page - Micronas SDA9400 Datasheet HTML 21Page - Micronas SDA9400 Datasheet HTML 22Page - Micronas SDA9400 Datasheet HTML 23Page - Micronas SDA9400 Datasheet HTML 24Page - Micronas SDA9400 Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
SDA 9400
Micronas
21
Preliminary Data Sheet
The three different “multi picture modes” can be selected by the parameter MULTIPIC. MULTIPIC=0
defines normal operation without compression. The table below explains the performed
compressions depending on the “multi picture mode” and the corresponding aspect ratio of the
display.
Input write parameter: MULTIPIC
To get a “multi picture display” the following executions must be performed:
Entering a “multi picture mode” is defined by transmitting a value MULTIPIC>0. This value of
MULTIPIC must not be equal to the previous value of MULTIPIC. During the following two fields the
memory will be completely filled with a constant colour defined by the parameters YBORDER,
UBORDER, VBORDER. This colour is identical to the background and the borders of the multi
picture display. The same procedure is performed when the “multi picture mode” changes from a
value MULTIPIC>0 to another value MULTIPIC>0. Beginning with the following field the
compressed input picture is written at the position PICPOS addressed via I²C-bus. The user has to
address all possible positions PICPOS one after the other to build a complete multi picture display.
In sequence, the background colour is replaced by the small pictures. The not overwritten areas of
the background colour form the borders of the multi picture display.
The pictures can be taken from the same source (’Shots of a Sequence’) or from different sources
(’Tuner Scanning’). The actual addressed picture is moving until “Freeze mode” is activated.
Before entering “multi picture mode” the “H-and-V-freerunning mode” (see also
Output sync
controller (OSC) on page 40) should be activated via the I²C bus bits HOUTFR and VOUTFR,
especially when “Tuner Scanning” will be performed. The “H-and-V-freerunning mode” avoids
synchronization problems of the display during changing the tuner channel.
The values of ALPFIP (Active Lines Per Field Input, see also
Input sync controller (ISC) on page
11), and ALPFOP (Active Lines Per Field Output, see also
Output sync controller (OSC) on page
40) must be set to 144 or 121, respectively. Only these standard signals corresponding to PAL and
NTSC systems are supported. A mixture of PAL and NTSC signals is also possible.
Input write parameter
MULTIPIC (1Bh)
Horizontal compression
Vertical compression
Aspect ratio of the display
00 (Multi Picture Off)
normal operation, no compression
01 (fourfold)
2 : 1
2 : 1
4 : 3
10 (twelvefold)
4 : 1
3 : 1
16 : 9
11 (sixteenfold)
4 : 1
4 : 1
4 : 3
Parameter
Subaddress
Description
MULTIPIC
1Bh
Defines the multi picture modes
PICPOS
1Bh
Position of the picture in the multi picture mode (only
valid for MULTIPIC>0)
YBORDER
17h
Y background value
UBORDER
18h
U background value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com