Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT64BS1X433SEA Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # UT64BS1X433SEA
Description  Matrix-ATM 64-Channel 1-4 Bus Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT64BS1X433SEA Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button UT64BS1X433SEA Datasheet HTML 4Page - Aeroflex Circuit Technology UT64BS1X433SEA Datasheet HTML 5Page - Aeroflex Circuit Technology UT64BS1X433SEA Datasheet HTML 6Page - Aeroflex Circuit Technology UT64BS1X433SEA Datasheet HTML 7Page - Aeroflex Circuit Technology UT64BS1X433SEA Datasheet HTML 8Page - Aeroflex Circuit Technology UT64BS1X433SEA Datasheet HTML 9Page - Aeroflex Circuit Technology UT64BS1X433SEA Datasheet HTML 10Page - Aeroflex Circuit Technology UT64BS1X433SEA Datasheet HTML 11Page - Aeroflex Circuit Technology UT64BS1X433SEA Datasheet HTML 12Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
32A
E13
32B0
H13
32B1
F13
32B2
G13
32B3
F14
33A
B12
33B0
A12
33B1
A13
33B2
A11
33B3
B11
34A
B17
34B0
A18
34B1
A17
34B2
B19
34B3
B18
35A
C13
35B0
C12
35B1
B13
35B2
B14
35B3
C14
36A
A14
36B0
A15
36B1
A16
36B2
B16
36B3
B15
37A
D17
37B0
C16
37B1
D16
37B2
C15
37B3
C17
38A
F17
38B0
D18
38B1
F18
38B2
E17
38B3
E18
39A
F20
39B0
F19
39B1
E19
39B2
E20
39B3
G20
40A
H18
40B0
G18
40B1
G19
40B2
H19
40B3
J18
41A
D19
41B0
C19
41B1
C18
41B2
D20
41B3
C20
42A
J19
42B0
K19
42B1
K20
42B2
H20
42B3
J20
43A
H15
43B0
G15
43B1
H14
43B2
J15
43B3
H16
44A
K16
44B0
J17
44B1
J16
44B2
K18
44B3
K17
45A
H17
45B0
G16
45B1
F15
45B2
F16
45B3
G17
46A
J13
46B0
J12
46B1
K15
46B2
J14
46B3
K14
47A
L12
47B0
K12
47B1
K13
47B2
L13
47B3
L11
48A
M14
48B0
L15
48B1
L14
48B2
M15
48B3
M13
49A
R17
49B0
P17
49B1
N17
49B2
P16
49B3
R16
50A
L16
50B0
L18
50B1
L17
50B2
M17
50B3
M16
51A
N15
51B0
N13
51B1
N16
51B2
P15
51B3
N14
52A
L20
52B0
N20
52B1
M20
52B2
M19
52B3
L19
53A
U20
53B0
V20
53B1
U19
53B2
V19
53B3
W19
54A
P19
54B0
N19
54B1
M18
54B2
N18
54B3
P18
55A
T20
55B0
R20
55B1
P20
55B2
R19
55B3
T19
56A
U18
56B0
T17
56B1
T18
56B2
U17
56B3
R18
57A
U15
57B0
V17
57B1
V15
57B2
U16
57B3
V16
58A
Y14
58B0
W15
58B1
W16
58B2
Y16
58B3
Y15
59A
V13
59B0
V14
59B1
W14
59B2
W13
59B3
V12
60A
W17
60B0
W18
60B1
V18
60B2
Y17
60B3
Y18
61A
W12
61B0
W11
61B1
Y11
61B2
Y13
61B3
Y12
62A
T13
62B0
R14
62B1
P13
62B2
R13
62B3
R12
63A
T11
63B0
U12
63B1
T12
63B2
V11
63B3
U11
Pin Name
Pin
Number
Pin Name
Pin
Number
Pin Name
Pin
Number
Pin Name
Pin
Number
Pin Name
Pin
Number
36-00-03-001
Aeroflex Microelectronics Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com