Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6641B Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6641B
Description  500mA Alkaline DC/DC Boost Regulator in SOT-23
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6641B Datasheet(HTML) 5 Page - Sipex Corporation

  SP6641B Datasheet HTML 1Page - Sipex Corporation SP6641B Datasheet HTML 2Page - Sipex Corporation SP6641B Datasheet HTML 3Page - Sipex Corporation SP6641B Datasheet HTML 4Page - Sipex Corporation SP6641B Datasheet HTML 5Page - Sipex Corporation SP6641B Datasheet HTML 6Page - Sipex Corporation SP6641B Datasheet HTML 7Page - Sipex Corporation SP6641B Datasheet HTML 8Page - Sipex Corporation SP6641B Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Rev. 3/5/02,
*Patent Pending
SP6641A/6641B 500mA Alkaline DC/DC Boost Regulator in SOT-23
© Copyright 2002 Sipex Corporation
Figure 9. SP6641AEK-5.0 Line/Load Rejection Vs Load
Current
Figure 10. SP6641BEK-5.0 Line/Load Rejection Vs
Load Current
PERFORMANCE CHARACTERISTICS
Refer to the circuit in Figure 1, T
AMB = +25°C
Figure 11. SP6641AEK-3.3 & SP6641AEK-5.0 No Load
Battery Current
Figure 12. SP6641BEK-3.3 & SP6641AEK-5.0 No Load
Battery Current
Figure 13. SP6641AEK-3.3 & SP6641AEK-5.0
Maximum Resistive Load Current in Startup
Figure 14. SP6641BEK-3.3 & SP6641BEK-5.0
Maximum Resistive Load Current in Startup
Iload (mA)
5.000
5.020
5.040
5.060
5.080
5.100
5.120
5.140
5.160
5.180
5.200
0
50
100
150
200
250
Vi=4.2V
Vi=3.6V
Vi=3.3V
Vi=2.0V
Vi=1.3V
Iload (mA)
4.900
4.920
4.940
4.960
4.980
5.000
5.020
5.040
5.060
5.080
5.100
0
200
400
600
800
Vi=4.2V
Vi=3.6V
Vi=3.3V
Vi=2.0V
Vi=1.3V
Vin (V)
0
50
100
150
200
250
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
SP6641AEK-5.0
SP6641AEK-3.3
Vin (V)
0
50
100
150
200
250
300
350
400
450
500
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
SP6641B-5.0
SP6641B-3.3
Vin (V)
0
50
100
150
200
250
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
SP6641AEK-3.3, 22
µH
SP6641AEK-3.3, 10
µH
SP6641AEK-5.0, 22
µH
SP6641AEK-5.0, 10
µH
Vin (V)
0
100
200
300
400
500
600
700
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
SP6641BEK-3.3, 22
µH
SP6641BEK-3.3, 10
µH
SP6641BEK-5.0, 22
µH
SP6641BEK-5.0, 10
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com