Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6641 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6641
Description  500mA Alkaline DC/DC Boost Regulator in SOT-23
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6641 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6641 Datasheet HTML 5Page - Sipex Corporation SP6641 Datasheet HTML 6Page - Sipex Corporation SP6641 Datasheet HTML 7Page - Sipex Corporation SP6641 Datasheet HTML 8Page - Sipex Corporation SP6641 Datasheet HTML 9Page - Sipex Corporation SP6641 Datasheet HTML 10Page - Sipex Corporation SP6641 Datasheet HTML 11Page - Sipex Corporation SP6641 Datasheet HTML 12Page - Sipex Corporation SP6641 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Rev. 3/5/02,
*Patent Pending
SP6641A/6641B 500mA Alkaline DC/DC Boost Regulator in SOT-23
© Copyright 2002 Sipex Corporation
APPLICATION INFORMATION: continued
TABLE 2. SP6641A Resistive Load Current in Startup - low cost inductors
GND
LX
VBATT
J1
L1
22
µH
U1
SP6641
VOUT
SHDN
®
®
C2
22
µF
VOUT
+3.3V
D1
1
2
3
C1
22
µF
5
4
1
2
3
VBATT
+0.9V to +3.3V Input
+
+
GND
ENABLE
VOUT
SP6201
VIN
®
®
RESET
1
2
3
5
4
VOUT
+3.0V
C3
1
µF
Figure 15. SP6641A 3.3V Evaluation Board with SP6201 LDO Regulator
SP6641A APPLICATION CIRCUIT WITH PANASONIC INDUCTOR
SP6641A APPLICATION CIRCUIT WITH TDK INDUCTOR
L1 = ELJ-PB220KF 22
µH, IDCmax = 300mA, DCR = 1.0Ω
L1 = NLC453232T-220K 22
µH, IDCmax = 370mA, DCR = 0.9Ω
Startup
VOUT
IOUT
Startup
Startup
VOUT
IOUT
Startup
Load
after
after
then
Load
after
after
then
VIN
ROUT (min)
Startup
Startup
Load
VIN
ROUT (min)
Startup
Startup
Load
V
V
mA
mA (max)
V
V
mA
mA (max)
0.86
16000
3.31
0.2
37
0.86
16000
3.30
0.2
42
0.88
1500
3.31
2
39
0.88
1500
3.30
2
43
0.90
800
3.30
4
40
0.90
900
3.30
4
44
0.95
230
3.30
14
44
0.95
260
3.30
13
48
1.00
125
3.30
26
48
1.00
126
3.30
26
52
1.10
73
3.29
45
56
1.10
66
3.29
50
60
1.20
58
3.29
57
63
1.20
49
3.29
67
69
1.30
50
3.28
66
71
1.30
43
3.29
77
77
1.40
43
3.28
76
78
1.40
39
3.29
84
84
1.50
39
3.28
84
86
1.50
36
3.29
91
91
SuperCap Application on the
SP6641 Output
When the battery input to SP6641A is removed,
the SP6641A output will end up in the charge
mode and will slowly discharge a Supercap
connected to the output. The typical Supercap
of 0.22F will go from fully charged at 3.3V to
less than 2V in 5 minutes. The following appli-
cation circuit in figure 16 is recommended to
disconnect the SP6641 output from the SuperCap
when the battery is removed. The small SOT23-
3pin MOS switches are an inexpensive addition
to the SP6641 circuit and work well to maintain
SuperCap voltage to retain Non-Volatile CMOS
Memory while a battery is changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com