Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS303 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LS303
Description  HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS303 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LS303 Datasheet HTML 1Page - Linear Integrated Systems LS303 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201116 05/15/2014 Rev#A4 ECN# LS301 LS302 LS303
FEATURES
VERY HIGH GAIN
hFE 2000 @ 1.0µA TYP.
LOW OUTPUT CAPACITANCE
COBO 2.0pF
TIGHT VBE MATCHING
IVBE1-VBE2I=0.2mV TYP.
HIGH fT
100 MHz
ABSOLUTE MAXIMUM RATINGS NOTE 1
@ 25 °C (unless otherwise stated)
IC
Collector Current
5mA
Maximum Temperatures
Storage Temperature
-55 to +150 °C
Operating Junction Temperature
-55 to +150 °C
Maximum Power Dissipation
ONE SIDE
BOTH SIDES
Device Dissipation @ Free Air
250mW
500mW
Linear Derating Factor
2.3mW/°C
4.3mW/°C
ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
LS301 LS302 LS303
UNITS
CONDITIONS
BVCBO
Collector to Base Voltage
18
35
10
MIN.
V
IC = 10µA
IE = 0
BVCEO
Collector to Emitter Voltage
18
35
10
MIN.
V
IC = 1mA
IB = 0
BVEBO
Emitter-Base Breakdown Voltage
6.0
6.0
6.0
MIN.
V
IE = 10µA
IC = 0
NOTE 2
BVCCO
Collector To Collector Voltage
80
80
20
MIN.
V
IC = 1µA
IE = IB = 0
hFE
DC Current Gain
2000
1000
2000
TYP.
IC = 1µA
VCE = 5V
hFE
DC Current Gain
2000
1000
2000
MIN.
IC = 10µA
VCE = 5V
hFE
DC Current Gain
2000
1000
2000
TYP.
IC = 500µA
VCE = 5V
VCE(SAT)
Collector Saturation Voltage
0.5
0.5
0.5
MAX.
V
IC = 1mA
IB = 0.1mA
ICBO
Collector Cutoff Current
100
100
100
MAX.
pA
IE = 0
VCB = NOTE 3
IEBO
Emitter Cutoff Current
0.2
0.2
0.2
MAX.
pA
IE = 0
VEB = 3V
COBO
Output Capacitance
2
2
2
MAX.
pF
IE = 0
VCB = 1V
CC1C2
Collector to Collector Capacitance
2
2
2
MAX.
pF
VCC = 0
IC1C2
Collector to Collector Leakage Current
1.0
1.0
1.0
MAX.
µA
VCC = NOTE 4, IE = IB = 0
fT
Current Gain Bandwidth Product
100
100
100
MIN.
MHz
IC = 200µA
VCE = 5V
NF
Narrow Band Noise Figure
3
3
3
MAX.
dB
IC = 10µA
VCE = 3V
BW = 200Hz
RG = 10K
f = 1KHz
LS301 LS302 LS303
HIGH VOLTAGE
SUPER-BETA MONOLITHIC DUAL
NPN TRANSISTORS
TO-71 & TO-78
TOP VIEW
SOIC
TOP VIEW


Similar Part No. - LS303

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS303 LINEAR-LS303 Datasheet
29Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
logo
Micross Components
LS303 MICROSS-LS303 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS303_PDIP MICROSS-LS303_PDIP Datasheet
276Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS303_SOIC MICROSS-LS303_SOIC Datasheet
276Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS303_SOT-23 MICROSS-LS303_SOT-23 Datasheet
271Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
More results

Similar Description - LS303

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS301-3 LINEAR-LS301-3 Datasheet
29Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
LSIT120-2 LINEAR-LSIT120-2 Datasheet
28Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LSIT124 LINEAR-LSIT124 Datasheet
28Kb / 2P
SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
logo
Micross Components
LS301 MICROSS-LS301 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS302 MICROSS-LS302 Datasheet
277Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS303 MICROSS-LS303 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS310 MICROSS-LS310 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS311 MICROSS-LS311 Datasheet
275Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS312 MICROSS-LS312 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS313 MICROSS-LS313 Datasheet
275Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com