Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCM1245MF Datasheet(PDF) 29 Page - Sanken electric

Part # SCM1245MF
Description  500V / 600V High Voltage Three-phase Motor Driver ICs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1245MF Datasheet(HTML) 29 Page - Sanken electric

Back Button SCM1245MF Datasheet HTML 25Page - Sanken electric SCM1245MF Datasheet HTML 26Page - Sanken electric SCM1245MF Datasheet HTML 27Page - Sanken electric SCM1245MF Datasheet HTML 28Page - Sanken electric SCM1245MF Datasheet HTML 29Page - Sanken electric SCM1245MF Datasheet HTML 30Page - Sanken electric SCM1245MF Datasheet HTML 31Page - Sanken electric SCM1245MF Datasheet HTML 32Page - Sanken electric SCM1245MF Datasheet HTML 33Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
SCM1200MF Series
SCM1200MF-DSJ Rev.1.1
SANKEN ELECTRIC CO.,LTD.
29
Feb. 19, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO.,LTD. 2015
operation waveforms at OCP. When the OCPx pin
voltage increases to an Overcurrent Protection Threshold
Voltage, VTRIP, of 0.50 V, and then keeps in that
condition for an Overcurrent Protection Blanking Time,
tBK, of 1.65 μs or longer, the OCP circuit starts operating.
The enabled OCP circuit then shuts off the output
transistors and puts the FOx pin into a logic low state.
Even if the OCPx pin voltage falls below VTRIP, the IC
keeps in a logic low state for a fixed OCP hold time (tP)
of 26 μs (typ.). Then, the output transistors operate
according to input signals. Then, the output transistors
operate according to input signals.
The OCP circuits in the SCM1200MF series are used
for detecting abnormal conditions, such as an output
transistor shorted. Therefore, motor operation must be
stopped by the external microcontroller, which can
receive and handle fault signals from the IC. Otherwise,
your application will be more likely to cause short
circuit conditions repeatedly, thus the breakdown of the
output transistors.
Care should also be taken when using a 3-shunt
resistor system in your application.
The IC running on
the 3-shunt resistor system only shuts off the output
transistor in the phase where an overcurrent condition
exists. And a fault signal is transmitted from the FOx pin
of the phase being under the overcurrent condition.
As already shown in Figure 12-12, if all of the FOx
pins being used makes a short circuit, a fault signal sent
from the corresponding phase can turn off the output
transistors of all phases (see Section 12.3.2).
To place a shunt resistor in an actual application,
users must set:
● the shunt resistor to have the resistance specified as
shunt resistor, RS (see the recommended operating
condition table, Section 2);
● input voltages of the OCPx pin to keep their levels
within the range defined as the OCPx pin voltage,
VOCP (see the absolute maximum rating table, Section
1); and
● currents through output transistors to keep their levels
under the rated output current (pulsed), IOP (see the
absolute maximum rating table, Section 1).
Because high-frequency switching currents flow
through the shunt resistors, RS, choose a resistor that has
low inductance and allows high power dissipation.
When adding a CR filter (a pair of a filter resistor, RO
and a filter capacitor, CO) to the OCPx pin, the following
should be taken into account. Time constants of RO and
CO should be set to the values listed in Table 12-3.
The larger the time constant, the longer the time that
the OCPx pin voltage rises to VTRIP. And this may cause
permanent damage to the transistors. Consequently, the
time
constants
given
here
are
determined
in
consideration of the total delay time the IC will have.
The filter capacitor, CO, should also be placed near the
IC, between the OCPx and COMx pins with a minimal
length of traces.
Note that overcurrents are undetectable when one or
more of the U, V, and W pins are shorted to ground
(ground fault). In case either of these pins falls into a
state of ground fault, the transistors may be destroyed.
VBB
LSx
COM
OCPx
COMx
A/D
RS
RO
CO
DRS
VTRIP
200kΩ
Blanking
filter
Output SW turn-off
and QFO turn-on
-
+
1.65µs(typ.)
U1
Figure 12-15.
Internal circuit diagram of OCPx pin
and OCPx pin peripheral circuitry
LINx
HINx
HOx
LOx
FOx
0
0
0
0
0
OCPx
0
VTRIP
tBK
tBK
tDELAY 0.3µs(typ.)
tP
tBK
HO responds to input signal.
FO restarts
automatically after tP.
Figure 12-16.
OCP operational waveforms
Table 12-3.
Recommend time constants for CR filter
Products
Recommend time constants
SCM124×MF
SCM125×MF
0.22 µs or less
SCM126×MF
1 µs or less



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com