Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2981IM5-3.3/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP2981IM5-3.3/NOPB
Description  Micropower 100-mA Ultralow Dropout Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2981IM5-3.3/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2981IM5-3.3/NOPB Datasheet HTML 9Page - Texas Instruments LP2981IM5-3.3/NOPB Datasheet HTML 10Page - Texas Instruments LP2981IM5-3.3/NOPB Datasheet HTML 11Page - Texas Instruments LP2981IM5-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LP2981IM5-3.3/NOPB Datasheet HTML 13Page - Texas Instruments LP2981IM5-3.3/NOPB Datasheet HTML 14Page - Texas Instruments LP2981IM5-3.3/NOPB Datasheet HTML 15Page - Texas Instruments LP2981IM5-3.3/NOPB Datasheet HTML 16Page - Texas Instruments LP2981IM5-3.3/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
LP2981-N
www.ti.com
SNOS773N – MARCH 2000 – REVISED APRIL 2016
Product Folder Links: LP2981-N
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, VIN = VO(NOM) + 1 V, COUT = 4.7 μF, CIN = 1 μF all voltage options, ON/OFF pin tied to
VIN.
Figure 31. ON/OFF Pin Current vs VON/OFF
Figure 32. ON/OFF Threshold vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com