Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICPLW136 Datasheet(PDF) 11 Page - ISOCOM COMPONENTS

Part # ICPLW136
Description  High Speed 1Mbit/s
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPLW136 Datasheet(HTML) 11 Page - ISOCOM COMPONENTS

Back Button ICPLW136 Datasheet HTML 6Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 7Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 8Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 9Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 10Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 11Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 12Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 13Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 14Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
DC93191
26/01/2016
ICPLW135, ICPLW136, ICPLW4503
ISOCOM
COMPONENTS
IR REFLOW SOLDERING TEMPERATURE PROFILE
(One Time Reflow Soldering is Recommended)
TIME (s)
25°C
ts Preheat
60s – 120s
Tsmin
Tsmax
260°C
TL
217°C
Time 25°C to Peak Temperature
tP
TP - 5°C
TP
Max Ramp Up Rate
3°C/s
Max Ramp Down Rate
6°C/s
TL
200°C
150°C
Profile Details
Conditions
Preheat
- Min Temperature (TSMIN)
- Max Temperature (TSMAX)
- Time TSMIN to TSMAX (ts)
150°C
200°C
60s - 120s
Soldering Zone
- Peak Temperature (TP)
- Liquidous Temperature (TL)
- Time within 5°C of Actual Peak Temperature (TP ̶ 5°C)
- Time maintained above TL (tL)
- Ramp Up Rate (TL to TP)
- Ramp Down Rate (TP to TL)
260°C
217°C
30s
60s - 100s
3°C/s max
6°C/s max
Average Ramp Up Rate (Tsmax to TP)
3°C/s max
Time 25°C to Peak Temperature
8 minutes max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com