Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3221EEA/TR Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP3221EEA/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3221EEA/TR Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP3221EEA/TR Datasheet HTML 4Page - Sipex Corporation SP3221EEA/TR Datasheet HTML 5Page - Sipex Corporation SP3221EEA/TR Datasheet HTML 6Page - Sipex Corporation SP3221EEA/TR Datasheet HTML 7Page - Sipex Corporation SP3221EEA/TR Datasheet HTML 8Page - Sipex Corporation SP3221EEA/TR Datasheet HTML 9Page - Sipex Corporation SP3221EEA/TR Datasheet HTML 10Page - Sipex Corporation SP3221EEA/TR Datasheet HTML 11Page - Sipex Corporation SP3221EEA/TR Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Date: 7/21/04
SP3221E +3.0V to +5.5V RS-232 Transceiver
© Copyright 2004 Sipex Corporation
8
Receivers
The receiver converts
±5.0V EIA/TIA-232
levels to TTL or CMOS logic output levels. The
receiver has an inverting output that can be
disabled by using the EN pin.
The receiver is active when the Auto-Online
circuitry is enabled or when in shutdown.
During the shutdown, the receiver will continue
to be active.
Driving EN to a logic HIGH forces the output of
the receiver into high-impedance.
Table 2. SHUTDOWN and EN Truth Tables
Note: In Auto-Online Mode where ONLINE = GND and
SHUTDOWN = V
CC, the device will shut down if there is
no activity present at the Receiver inputs.
Figure 6. Loopback Test Circuit for RS-232 Driver Data
Transmission Rates
Since receiver input is usually from a transmis-
sion line where long cable lengths and system
interference can degrade the signal, the inputs
have a typical hysteresis margin of 300mV. This
ensures that the receiver is virtually immune to
noisy transmission lines. Should an input be left
unconnected, an internal 5K
Ω pulldown resistor
to ground will commit the output of the receiver
to a HIGH state.
Figure 7. Loopback Test Circuit Result at 250Kbps
(Driver Fully Loaded)
Figure 8. Loopback Test Circuit result at 235Kbps
(Driver Fully Loaded)
Ch1
Ch3
3
1
2
T
T
T
T
[]
T1 IN
T1 OUT
R1 OUT
5.00V
Ch2 5.00V M 5.00µs Ch1
0V
5.00V
3
1
2
T
T
T
T
[]
T1 IN
T1 OUT
R1 OUT
Ch1
Ch3
5.00V
Ch2 5.00V M 2.50µs Ch1
0V
5.00V
E
1
2
2
3
P
S
:
E
C
I
V
E
D
N
W
O
D
T
U
H
SN
ET
X
T
U
OR
X
T
U
O
00
Z
h
g
i
He
v
i
t
c
A
01
Z
h
g
i
HZ
h
g
i
H
10
e
v
i
t
c
Ae
v
i
t
c
A
11
e
v
i
t
c
AZ
h
g
i
H
SP3221E
2
4
6
5
3
7
19
GND
T
1IN
C1+
C1-
C2+
C2-
V+
V-
VCC
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1µF
0.1µF
TTL/CMOS
INPUTS
+3V to +5V
18
SHUTDOWN
20
5KΩ
R
1OUT
TTL/CMOS
OUTPUTS
EN
1
ONLINE
14
R
1IN
T
1OUT
11
STATUS
VCC
To µP Supervisor
Circuit
1000pF
11
9
13
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com