Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL536APAPT Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 54 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 50Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 51Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 52Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 53Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 54Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 55Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 56Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 57Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The bq76PL536A is a series-cell Lithium-Ion battery monitor and secondary protector for Uninterruptible Power
Systems (UPS), E-Bikes and Scooters, Large-Format Battery Systems, and so forth. To allow for optimal
performance in the end application, special consideration must be taken to ensure minimization of measurement
error through proper printed circuit board (PCB) layout.
8.1.1 Anti-Aliasing Filter
An anti-aliasing filter is required for each VCn input VC6–VC1, consisting of a 1-k
Ω, 1% series resistor and 100-
nF capacitor. Good-quality components should be used. A 1% resistor is recommended, because the resistor
creates a small error by forming a voltage divider with the input impedance of the part. The part is factory-
trimmed to compensate for the error introduced by the filter.
8.1.2 Host SPI Interface Pin States
The CS_H pin is active-low. The host asserts the pin to a logic zero to initiate communications. The CS pin
should remain low until the end of the current packet. When the CS_H pin is asserted, the SPI receiver and
interface of the device are reset and resynchronized. This action ensures that a slave device that has lost
synchronization during a previous transmission or as the result of noise on the bus does not remain permanently
hung. CS_H must be driven false (high) between packets; see Timing Characteristics – AC SPI Data Interface for
timing details.
54
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com