Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM337IMPX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM337IMPX/NOPB
Description  3-Terminal Adjustable Negative Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337IMPX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM337IMPX/NOPB Datasheet HTML 10Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 11Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 12Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 13Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 14Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 15Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 16Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 17Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
*0.8
R1
120
W £
£
W
OUT
1.250V
I
=
R1
LM137, LM337-N
SNVS778E – MAY 1999 – REVISED JANUARY 2016
www.ti.com
Typical Applications (continued)
8.2.3 Current Regulator
A simple, fixed current regulator can be made by placing a resistor between the VOUT and ADJ pins of the
LM137. By regulating a constant 1.25 V between these two terminals, a constant current can be delivered.
(3)
(4)
8.2.4
−5.2-V Regulator with Electronic Shutdown
The LM337-N can be used with a PNP transistor to provide shutdown control from a TTL control signal. The PNP
can short or open the ADJ pin to GND. When ADJ is shorted to GND by the PNP, the output is
−1.3V. When
ADJ is disconnected from GND by the PNP, then the LM337-N outputs the programmed output of
−5.2 V.
Minimum output
≃ −1.3 V when control input is low
14
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: LM137 LM337-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com